Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E8Y-A5Y-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E8Y-A5Y-R
Description  Differential Pressure Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E8Y-A5Y-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  E8Y-A5Y-R Datasheet HTML 1Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 2Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 3Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 4Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 5Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 6Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 7Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 8Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
E8Y
E8Y
2
Type
Digital output
Analog output
Pressure range
Port/Mounting
Part number
0 to 2.0 kPa
4.5 mm dia. pipe
E8Y-A2C
1/8 NPT
E8Y-A2C-R
0 to 5.0 kPa
4.5 mm dia. pipe
E8Y-A5C
1/8 NPT
E8Y-A5C-R
0 to 0.290 psi
4.5 mm dia. pipe
E8Y-A2C-D
1/8 NPT
E8Y-A2C-RD
0 to 0.725 psi
4.5 mm dia. pipe
E8Y-A5C-D
1/8 NPT
E8Y-A5C-RD
4 to 20 mA
0 to 2.0 kPa
4.5 mm dia. pipe
E8Y-A2Y
1/8 NPT
E8Y-A2Y-R
0 to 5.0 kPa
4.5 mm dia. pipe
E8Y-A5Y
1/8 NPT
E8Y-A5Y-R
0 to 0.290 psi
4.5 mm dia. pipe
E8Y-A2Y-D
1/8 NPT
E8Y-A2Y-RD
0 to 0.725 psi
4.5 mm dia. pipe
E8Y-A5Y-D
1/8 NPT
E8Y-A5Y-RD
Flow sensor
—
1/8 NPT, vertical
E8Y-A5C-F03V
1/8 NPT, horizontal
E8Y-A5C-F03H
1/8 NPT, vertical
E8Y-A5C-F20V
1/8 NPT, horizontal
E8Y-A5C-F20H
"Cube" Type Differential Pressure
Sensor with LED Display Offers High
Precision Sensing
s
New
psi version available
s
Compact, cube-style measuring 31 x 30
x 30 mm (1.22 x 1.18 x 1.18 in) saves
mounting space
s
Easy-to-read red LEDs
s
Digital and analog output available
s
Flow sensing type available
s
PNP output types available upon special
request
Ordering Information
Differential Pressure Sensor
E8Y
s SENSOR
s ACCESSORIES
Description
Part number
Panel-mounting bracket
E89-Y1
Miniature
differential
pressure
sensor
NPN open collector
(2 independent outputs)
—
0.3 to 3.0 liter/min.
(0.07 to 0.68 gal./min.)
2.0 to 20 liter/min.
(0.45 to 4.54 gal./min.)


Similar Description - E8Y-A5Y-R

ManufacturerPart #DatasheetDescription
logo
Silicon Microstructures...
SM5391-BBE-S-001-000 SMI-SM5391-BBE-S-001-000 Datasheet
275Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
SM6391-BCE-S-005-001 SMI-SM6391-BCE-S-005-001 Datasheet
277Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-002-000 SMI-SM7391-BCE-S-002-000 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-002-001 SMI-SM7391-BCE-S-002-001 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-005-000 SMI-SM7391-BCE-S-005-000 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-010-000 SMI-SM7391-BCE-S-010-000 Datasheet
373Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-014-000 SMI-SM7391-BCE-S-014-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
logo
E+E Elektronik Ges.m.b....
EE600 EPLUSE-EE600 Datasheet
1Mb / 9P
Differential Pressure Sensor
11-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com