Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E8Y-A5Y-R Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E8Y-A5Y-R
Description  Differential Pressure Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E8Y-A5Y-R Datasheet(HTML) 5 Page - Omron Electronics LLC

  E8Y-A5Y-R Datasheet HTML 1Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 2Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 3Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 4Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 5Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 6Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 7Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 8Page - Omron Electronics LLC E8Y-A5Y-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
E8Y
E8Y
6
Functions Table - continued from previous page
Function
Description
Auto-teaching
(2) 1-point auto-teaching (Window mode teaching)
(continued)
This function automatically sets the ON point and OFF point for the comparitive output by inputing a reference
point (TEACH 1) using an actual object. The function operates only when an object exists. The outputs are
made in the window mode. The hysteresis width and window width are set values. (The window width set value
is valid only when 1-point teaching is set. Setting range: (0 to rated value) x 30%)
The ON point and OFF point set values are set at the reference point
±window width.
Example: If the reference point (TEACH 1) is 0.90 kPa and the window width is 0.50 kPa,
the ON set value = (0.90 - 0.50)/2 = 0.20 and the OFF point set value = (0.90+0.50)/2 = 0.70.
Key-protect
This function restricts switch operation to prevent the set value from being easily changed.
(Set value lock
Set value: OFF <> ON
function)
Set value
Hold down the ADJ key for several seconds in the measurement mode to activate this function.
zero-setting
Speed control
Select from three values of display speed for the measured pressure values. Set value: 0.1 s, 0.5 s, 1.0 s
function with
measured
pressure display
Error display
(1) Pressure warning during zeroing:
Error display and warning if excess pressure or flow (exceeding rated value
±5%) is applied during zeroing.
(2) Teaching error display:
Warning if teaching is unsuccessful.
(3) Short-circuit protection and display:
If overcurrent flows in a connected load, the abnormal status is notified by an error display and the OUT LED,
for the corresponding output, flashing. Transistor acts to cut the abnormal current.
(4) Abnormal pressure or flow detection:
The diplayed value flashes to indicate the abnormal status if the applied pressure or flow exceeds the rated
value by 10%. This error is automatically reset when the supplied value enters the rated range.
(5) ON/OFF point input error warning:
Indicates if the difference between the ON point and OFF point in the window mode exceeds the hysteresis
value + setting resolution (0.01 kPa/1 mmH2O).
0
Output
ON
OFF
OFF
point
Pressure value
ON
point
Hysteresis width
(TEACH 1)
Hysteresis width
Window width
Standard
value
Window width



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com