Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP190 Datasheet(PDF) 2 Page - 3M Electronics

Part # DP190
Description  Scotch-WeldTM Epoxy Adhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP190 Datasheet(HTML) 2 Page - 3M Electronics

  DP190 Datasheet HTML 1Page - 3M Electronics DP190 Datasheet HTML 2Page - 3M Electronics DP190 Datasheet HTML 3Page - 3M Electronics DP190 Datasheet HTML 4Page - 3M Electronics DP190 Datasheet HTML 5Page - 3M Electronics DP190 Datasheet HTML 6Page - 3M Electronics DP190 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
DP190 Translucent and Grey
Typical Cured
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Physical
Footnotes:
3.
Tack-free time determined per 3M
test method C-3173. Involves
dispensing 0.5 gram amount of
adhesive onto substrate and
testing periodically for no
adhesive transfer to metal spatula.
Handling strength determined per
3M test method C-3179. Time to
handling strength taken to be that
required to achieve a 50 psi OLS
strength using aluminum
substrates.
The cure time is defined as that
time required for the adhesive to
achieve a minimum of 80% of the
ultimate strength as measured by
aluminum-aluminum OLS.
Tensile and Elongation. Used
procedure in 3M test method
C-3094/ATSM D 882. Samples
were 2 in. dumbbells with .0125 in.
neck and .030 in. sample
thickness. Separation rate was 2
inches per minute. Samples cured
2 hrs RT plus 2 hrs/ 71°C (160°F).
Weight loss by TGA reported as
that temperature at which 5%
weight loss occurs by TGA in air
at 5°C rise per minute per
ASTM 1131-86.
TCE determined using TMA
Analyzer using a heating rate of
10°C (50°F) per minute. Second
heat values given.
Glass Transition Temperature (Tg)
determined using DSC Analyzer
with a heating rate of 20°C (68°F)
per minute. Second heat
values given.
Thermal conductivity determined
using ASTM C177 and C-matic
Instrument using 2 in. diameter
samples.
Thermal shock resistance run per
3M test method C-3174. Involves
potting a metal washer into a 2 in.
x 0.5 in. thick section and cycling
this test specimen to colder and
colder temperatures.
4.
5.
6.
Thermal
7.
8.
9.
10.
11.
Electrical
- 2 -
3M™ Scotch-Weld™
Epoxy Adhesive DP190
Translucent
3M™ Scotch-Weld™
Epoxy Adhesive DP190
Grey
Dielectric Constant@ 1 KHZ@23°C (73°F)
(ASTM D 150)
6.2
6.5
Dissipation Factor@ 1 KHZ @23°C (73°F)
(ASTM D 150)
0.16
0.09
Dielectric Strength
(ASTM D 149) SampleThickness Approx.30 mil.
875 volts/mil
830 volts/mil
Volume Resistivity
(ASTM D 257)
7.5 x 1010 ohm-cm
5.0 x 1012 ohm-cm
3M™ Scotch-Weld™
Epoxy Adhesive DP190
Translucent
3M™ Scotch-Weld™
Epoxy Adhesive DP190
Grey
Weight Loss byThermal Gravimetric
Analysis (TGA)7
1% @ 199°C (390°F)
5% @ 312°C (594°F)
1% @ 247°C (477°F)
5% @ 337°C (639°F)
Thermal Coefficient of Expansion (TCE)
by TMA8 (
x 10-6 units/unit/°C)
Below Tg
Above Tg
86 (5-20°C
[41-68°F] range)
166 (75-140°C
[167-284°F] range)
62 (5-25°C
[41-68°F] range)
177 (65-140°C
[167-284°F] range)
GlassTransitionTemperature
(Tg) byDCS9
Onset
Mid-Point
10°C (50°F)
27°C (80°F)
7°C (45°F)
20°C (68°F)
Thermal Conductivity10
(@ 110°F on .250 in. samples) BTU -
ft./ft.2 - hr. - °F)
Cal./sec. - cm - °C)
Watt/m -°C
.079
.39 x10-3
.136
.220
90.9 x 10-2
.381
Thermal Shock Resistance11 Potted
WasherOlyphant Test (3M ITSD
TestMethodC-3174
+100°C [air] to -50°C [liquid])
Pass 5 cycles
without cracking
Pass 5 cycles
without cracking
3M™ Scotch-Weld™
Epoxy Adhesive DP190
Translucent
3M™ Scotch-Weld™
Epoxy Adhesive DP190
Grey
Colour
Translucent
Gray
Hardness (ASTM D 2240)
Shore D
35
60
Worklife2
80 minutes
90 minutes
Tack-free Time3
~ 4 hrs
~ 6 hrs
Time to Handling Strength4
6 hrs
8-12 hrs
Full CureTime5
14 days
7 days
Elongation6
120%
30%
Tensile Strength6
2750 psi
3500 psi



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com