Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP190 Datasheet(PDF) 3 Page - 3M Electronics

Part # DP190
Description  Scotch-WeldTM Epoxy Adhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP190 Datasheet(HTML) 3 Page - 3M Electronics

  DP190 Datasheet HTML 1Page - 3M Electronics DP190 Datasheet HTML 2Page - 3M Electronics DP190 Datasheet HTML 3Page - 3M Electronics DP190 Datasheet HTML 4Page - 3M Electronics DP190 Datasheet HTML 5Page - 3M Electronics DP190 Datasheet HTML 6Page - 3M Electronics DP190 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
DP190 Translucent and Grey
Typical Adhesive
Performance
Characteristics
The following product performance data were obtained in the 3M laboratory under
the conditions specified. The following data show typical results obtained with the
3M™ Scotch-Weld™ Adhesives when applied to properly prepared substrates, cured,
and tested according to the specifications indicated. The data were generated using
the 3M™ EPX Applicator System equipped with an EPX applicator static mixer,
according to manufacturer’s directions. Thorough hand mixing should afford
comparable results.
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Overlap Shear Strength (OLS) to12
(Bonds cured 24 hrs @ RT + 2 hrs 71°C [160°F])
Rate of Strength Buildup
(OLS on Etched Aluminum)12 Bonds tested after:
Footnotes:
12. Overlap shear (OLS) strengths were measured on 1 in. wide 1/2 in. overlap specimens. These bonds were made
individually using 1 in. x 4 in. pieces of substrate. The thickness of the bond line was 0.005-0.008 in. All strengths were
measured at 21°C (70°F) except were noted. (Test per ASTM D 1002-72.)
The separation rate of the testing jaws was 0.1 in. per minute for metals, 2 in. per minute for plastics and 20 in. per minute
for rubbers. The thickness of the substrates were: steel, 0.060 in.; other metals, 0.05-0.064 in.; rubber, 0.125 in.; plastics,
0.125 in.
- 3 -
3M™ Scotch-Weld™
Epoxy Adhesive DP190
Translucent
3M™ Scotch-Weld™
Epoxy Adhesive DP190
Grey
1 hr @ RT
10 psi
10 psi
6 hrs @ RT
200 psi
50 psi
24 hrs @ RT
800 psi
1000 psi
7 days @ RT
1200 psi
2000 psi
1 mo @ RT
1800 psi
2200 psi
3 mos @ RT
1800 psi
2500 psi
3M™ Scotch-Weld™
Epoxy Adhesive DP190
Translucent
3M™ Scotch-Weld™
Epoxy Adhesive DP190
Grey
Etched Aluminum
1800 psi
2500 psi
Sanded Aluminum (60 grit)
850 psi
1500 psi
Cold RolledSteel
850 psi
1400 psi
Wood, Fir
650 psi
1100 psi
Glass, Borosilicate
260 psi
300 psi
Glass, +3M™ Scotch-Weld™ Primer3901
300 psi
300 psi
Polycarbonate
400 psi
800 psi
Acrylic
350 psi
500 psi
Fibreglass
1000 psi
1600 psi
ABS
400 psi
700 psi
PVC
650 psi
800 psi
Polypropylene
90 psi
50 psi



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com