Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX201 Datasheet(PDF) 2 Page - Intel Corporation

Part # AX201
Description  wifi 6 gig module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AX201 Datasheet(HTML) 2 Page - Intel Corporation

  AX201 Datasheet HTML 1Page - Intel Corporation AX201 Datasheet HTML 2Page - Intel Corporation AX201 Datasheet HTML 3Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
607008 v1.5
EXPERIENCE THE INTEL® DIFFERENCE
Worldwide Regulatory
Support
Intel® Dynamic Regulatory
Solution
Enables performance optimized worldwide regulatory compliance SKU. The Intel® Wi-Fi
6 AX201 module detects its location and automatically optimizes the Wi-Fi settings to
local regulatory requirements, maximizing performance in each geography, simplifying
travel experience and global enterprise procurement.
Future regulatory changes are easily managed during the product life cycle.
Wireless Functionality in
Pre-boot Environment
Support for Wi-Fi network and Bluetooth® Low Energy Human Interface Device (HID)
connectivity in the platform’s UEFI (Unified Extensible Firmware Interface) environment
during its boot stage. This capability enables use cases like OS recovery over Wi-Fi and
Bluetooth® Low Energy-based keyboard and mouse connectivity in this pre-boot
environment.
Wirelessly Project to the
Big Screen
Project your 2-in-1 or laptop content instantly, without wires, on the big HD screen with
stunning image clarity and sound using Wi-Fi Miracast*. Stream movies, videos, games,
photos, connect with friends, and more. Experience it all, bigger and better than ever
before.
BUSINESS-CLASS WIRELESS
Intel® vPro™ Technology9
Supports Intel’s hardware-based security and management features built into Intel®
Core™ vPro™ processors and chipsets that enable IT to manage PCs virtually anywhere,
anytime, while reducing deployment costs, improving security and ROI.
Intel® Active Management
Technology10
Using integrated platform capabilities and popular third-party management and security
applications, Intel® AMT allows IT or managed service providers to better discover, repair,
and help protect their networked computing assets. Intel® AMT is a feature of Intel®
Core™ processors with Intel® vPro™ technology.
INTEL® WI-FI 6 AX201 TECHNICAL SPECIFICATIONS
GENERAL
Dimensions (H x W x D)
M.2 2230: 22mm x 30mm x 2.4mm [1.5mm Max (Top Side)/ 0.1mm Max
(Bottom Side)]
M.2 1216: 12mm x 16mm x 1.65 (+-0.05)mm
Weight
M.2 2230: 2.33 +/– 0.3 g
M.2 1216: 0.61 +/– 0.1 g
Radio ON/OFF Control
Supported
Connector Interface
M.2: CNVio211
Operating Temperature
(Adapter Shield)
0°C to +80°C
Humidity Non-Operating
50% to 90% RH non-condensing (at temperatures of 25°C to 35°C)
Operating Systems
Microsoft Windows 10*, Linux*, Chrome OS*
Wi-Fi Alliance12
Wi-Fi CERTIFIED* 6, Wi-Fi CERTIFIED* a/b/g/n/ac, WMM*, WMM*-Power Save, WPA2*,
WPA3*, WPS*, PMF*, Wi-Fi Direct*, Wi-Fi Agile Multiband* and Wi-Fi TimeSync*
IEEE WLAN Standard
IEEE 802.11-2016 and select amendments (selected feature coverage)
IEEE 802.11a, b, d, e, g, h, i, k, n, r, u, v, w, ac, ax; Fine Timing Measurement based on
802.11-2016
Bluetooth®
Bluetooth® 5.1
SECURITY FEATURES13
Security Methods
WPA2* Personal and Enterprise; WPA3*
Authentication Protocols
802.1X EAP-TLS, EAP-TTLS/MSCHAPv2, PEAPv0 -MSCHAPv2
(EAP-SIM, EAP-AKA, EAP-AKA’)
Encryption
64-bit and 128-bit WEP, TKIP, 128-bit AES-CCMP, 256-bit AES-GCMP
COMPLIANCE
Regulatory
For a list of country approvals, please contact your local Intel representatives.
US Government
FIPS14 140-2
Product Safety
UL, C-UL, CB (IEC 60950-1)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com