Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX201 Datasheet(PDF) 1 Page - Intel Corporation

Part # AX201
Description  wifi 6 gig module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AX201 Datasheet(HTML) 1 Page - Intel Corporation

  AX201 Datasheet HTML 1Page - Intel Corporation AX201 Datasheet HTML 2Page - Intel Corporation AX201 Datasheet HTML 3Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
607008 v1.5
Nearly 3X higher peak data rates and up to 4X capacity
The Intel® Wi-Fi 6 AX201 (Gig+) adapter is a CRF1 (Companion RF)
module that supports the new IEEE 802.11ax standard – Wi-Fi 6
technology and is Wi-Fi CERTIFIED 6™2. The product supports 2x2
Wi-Fi 6 technology, including new features such as UL and DL
OFDMA and 1024QAM, delivering data rates of up to 2.4Gbps3 and
increased network capacity as well as Bluetooth® 5.1 support.
These new features deliver a significant improvement in user
experience in dense deployments, supporting fast uploads and
downloads, lower latency and longer battery life compared to
solutions supporting 802.11ac. Combined with Intel® Core™
processors and exceptional Intel wireless innovations, the Intel®
Wi-Fi 6 AX201 module can provide Gigabit wireless speed3 and
dramatically improve your connected experience at home, work,
or on the go.
1ST GENERATION INTEL Wi-Fi 6 WIRELESS
Increased Capacity
Faster Speed
Better Coverage
Extended Battery Life
802.11ax Dual band 2x2
160MHz
Improved Security
By implementing the new 802.11ax standard, with its unique features such as OFDMA,
1024QAM, Target Wake Time (TWT) and spatial reuse, the Intel® Wi-Fi 6 AX201 module
enables smooth streaming of high resolution videos, fewer dropped connections, and
faster connections farther away from the router and in dense environments.
When using Wi-Fi 6 technology with 1024QAM and 160MHz channels, the Intel® Wi-Fi 6
AX201 module can deliver nearly 3x higher peak data rates4 (up to 2.4Gbps) and up to 4x
capacity improvement in dense or congested environments compared to 802.11ac5.
Intel® Wi-Fi 6 AX201 module supports the new WPA3* security features, enabling next-
generation authentication and military-grade encryption.
Bluetooth® 5.1
Bluetooth® 5.1 provides 4x6 range over Bluetooth® 4.2 using the same Tx power, enabling
coverage throughout the home. Bluetooth® 5.1 also doubles data rate speed for faster
transmissions, thereby reducing the overall power consumption6. Additionally,
Bluetooth® 5.1 adds new, enhanced data broadcasting, enabling seamless location-based
services and simpler pairing for Bluetooth® devices.
Microsoft Windows 10*
Full support for latest Microsoft Windows 10* OS.
Form Factors
(M.2 2230 and 1216)
M.2 2230 modules enable system configuration and platform usage flexibility with the use
of a standard Key E socket for attaching the module.
M.2 1216 modules enable platform design optimization with the use of an Intel CNVio
interface between the CNVi7 and Intel® Wi-Fi 6 AX201 module8, providing savings on
motherboard space, BOM and PCIe port, plus allowing for flexible motherboard routing up
to 10''.
Productbrief
Intel® Wi-Fi 6 AX201 Module
1st Generation Wi-Fi 6 (802.11ax2) Solution
Intel® Wi-Fi 6 AX201 (Gig+) Module


Similar Part No. - AX201

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX2012 AXELITE-AX2012 Datasheet
888Kb / 13P
1.9A Fixed Frequency White LED Driver
Rev.1.4 Sep.27, 2019
AX2012CT AXELITE-AX2012CT Datasheet
888Kb / 13P
1.9A Fixed Frequency White LED Driver
Rev.1.4 Sep.27, 2019
AX2012CTA AXELITE-AX2012CTA Datasheet
888Kb / 13P
1.9A Fixed Frequency White LED Driver
Rev.1.4 Sep.27, 2019
AX2012Z8 AXELITE-AX2012Z8 Datasheet
888Kb / 13P
1.9A Fixed Frequency White LED Driver
Rev.1.4 Sep.27, 2019
AX2012Z8A AXELITE-AX2012Z8A Datasheet
888Kb / 13P
1.9A Fixed Frequency White LED Driver
Rev.1.4 Sep.27, 2019
More results

Similar Description - AX201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2057629-1 MACOM-2057629-1 Datasheet
443Kb / 2P
CONNECTOR ASSEMBLY, MODULE, 100 GIG PLUGGABLE
logo
List of Unclassifed Man...
IW-SM2144N1C ETC2-IW-SM2144N1C Datasheet
395Kb / 3P
Miniature embedded secure WiFi module
logo
RF Micro Devices
RFFM4293 RFMD-RFFM4293 Datasheet
218Kb / 9P
WiFi Front End Module
logo
Abracon Corporation
APAMSJ-137 ABRACON-APAMSJ-137 Datasheet
2Mb / 2P
WIFI Antenna Module
04.28.15
logo
Murata Manufacturing Co...
LBWA1ZV1CD-716 MURATA-LBWA1ZV1CD-716 Datasheet
1Mb / 24P
WiFi Module Data Sheet
logo
List of Unclassifed Man...
AP6255 ETC2-AP6255 Datasheet
1Mb / 34P
WiFi 11ac Bluetooth V4.2 Module
logo
Linx Technologies
ANT-W63-MON-RPS LINX-ANT-W63-MON-RPS Datasheet
1Mb / 24P
WiFi 6 Monopole Whip Antenna
2021
ANT-W63-WRT-MHF4 LINX-ANT-W63-WRT-MHF4 Datasheet
565Kb / 4P
External Panel-Mount WiFi 6 Antenna
2021
ANT-W63WS1 LINX-ANT-W63WS1 Datasheet
1Mb / 14P
Blade-Style Dipole WiFi 6 Antenna
2020
logo
Intel Corporation
AX210 INTEL-AX210 Datasheet
184Kb / 3P
Intel® Wi-Fi6E AX210 (Gig) Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com