Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2012CTA Datasheet (PDF) - AXElite technology co. ltd

AX2012CTA Datasheet PDF - AXElite technology co. ltd
Part # AX2012CTA
Download  AX2012CTA Download
File Size   888.16 Kbytes
Page   13 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.9A Fixed Frequency White LED Driver

AX2012CTA Datasheet (PDF)

Go To PDF Page Download Datasheet
AX2012CTA Datasheet PDF - AXElite technology co. ltd

Part # AX2012CTA
Download  AX2012CTA Click to download

File Size   888.16 Kbytes
Page   13 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.9A Fixed Frequency White LED Driver

AX2012CTA Datasheet (HTML) - AXElite technology co. ltd


AX2012CTA Product details

 GENERAL DESCRIPTION
The AX2012 is a step up conver ter designed for driving up to 8 series white LEDs for backlighting application . The AX2012 uses current mode, 1.2MH Z fixed frequency architecture to regulate the LED current, which is set through an external current sense resistor. Its low 300 mV feedback voltage reduces power loss and improves efficiency. The OV pin monitors the output voltage and turns off the converter if an over voltage condition is present due to an open circuit condition. The AX2012 includes under voltage lockout, current limiting and thermal shutdown protection preventing damage in the event of an output overload. The driver is available in small 6-pin TSOT-23 and 8-pin TDFN (2mm x 2mm) packages.

 FEATURES
- 2.5V to 5.5V operating input voltage range
- Drives up to 8 series White LEDs
- 1.2MHz Fixed Switching Frequency
- Wide range for PWM dimming (200Hz to 200KHz)
- Internal 1.9A switching current limit
- Over Voltage Protection (OVP)
- Internal Soft-start Function
- Current limit and Thermal shutdown protection
- Under voltage Lockout
- Available in the 6-pin TSOT-23 and 8-pin TDFN Packages
- RoHS and Halogen free compliance




Similar Part No. - AX2012CTA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AX201 INTEL-AX201 Datasheet
236Kb / 3P
wifi 6 gig module
logo
AXElite technology co. ...
AX2016 AXELITE-AX2016 Datasheet
968Kb / 11P
40V, 1.7A Boost for 10 White LED Driver
Rev.1.5 Sep.27, 2019
AX2016C AXELITE-AX2016C Datasheet
968Kb / 11P
40V, 1.7A Boost for 10 White LED Driver
Rev.1.5 Sep.27, 2019
AX2016CA AXELITE-AX2016CA Datasheet
968Kb / 11P
40V, 1.7A Boost for 10 White LED Driver
Rev.1.5 Sep.27, 2019
logo
Intel Corporation
AX201D2W INTEL-AX201D2W Datasheet
236Kb / 3P
wifi 6 gig module
More results


Similar Description - AX2012CTA

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0056 MPS-EV0056 Datasheet
195Kb / 3P
Fixed Frequency White LED Driver
EV3204DJ-00A MPS-EV3204DJ-00A Datasheet
170Kb / 3P
Fixed Frequency White LED Driver
EV3205DJ-00A MPS-EV3205DJ-00A Datasheet
170Kb / 3P
1.3MHz Fixed Frequency 5 White LED Driver
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
Fixed Frequency White LED Driver
MP3205 MPS-MP3205 Datasheet
277Kb / 6P
1.3MHz Fixed Frequency 5 White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3301 FOSLINK-FSP3301 Datasheet
259Kb / 9P
FIXED FREQUENCY WHITE LED DRIVER
logo
Advanced Power Electron...
APE1612 A-POWER-APE1612 Datasheet
274Kb / 9P
1.9A FIXED FREQUENCY WHITE LED DRIVER
logo
Monolithic Power System...
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
1.3A Fixed Frequency White LED Driver
logo
Seaward Electronics Inc...
SE3505 SEAWARD-SE3505 Datasheet
926Kb / 9P
1.9A Fixed Frequency White LED Driver
logo
Monolithic Power System...
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com