Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2012CTA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX2012CTA
Description  1.9A Fixed Frequency White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2012CTA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX2012CTA Datasheet HTML 1Page - AXElite technology co. ltd AX2012CTA Datasheet HTML 2Page - AXElite technology co. ltd AX2012CTA Datasheet HTML 3Page - AXElite technology co. ltd AX2012CTA Datasheet HTML 4Page - AXElite technology co. ltd AX2012CTA Datasheet HTML 5Page - AXElite technology co. ltd AX2012CTA Datasheet HTML 6Page - AXElite technology co. ltd AX2012CTA Datasheet HTML 7Page - AXElite technology co. ltd AX2012CTA Datasheet HTML 8Page - AXElite technology co. ltd AX2012CTA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.27, 2019
AX2012
BLOCK DIAGRAM
VCC
LX
Control and
Driver Logic
EN
Reference
1.238V
Soft Start
Current
Sense
Slope
Compensation
Oscillator
1.2MHz
FB
Error
Amplifier
Summing
Comparator
Thermal
Shutdown
Enable
Logic
GND
N-MOS
10ms
300mV
Shutdown
OVP
OV
UVLO
PIN ASSIGNMENT
The packages of AX2012 are TSOT-23-6L and TDFN-8L; the pin assignment is given by:
TDFN-8L (2*2)
1
2
3
4
5
6
7
8
GND
SW
(GND)
NC
FB
GND
VCC
OV
EN
Name
Description
GND Ground Pin
VCC Power Input Pin
OV
OVP Sense Pin
EN
Enable with Dimming Pin; Internal
Pull-Low; Logic High Active
FB
Feedback Pin; Put a Resistor to GND
to Setting the Current
NC
No Connect Pin
SW Switch Output Pin
(Top View)
TSOT-23-6L
3
2
6
4
1
GND
VCC
SW
OV
5
FB
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com