Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2016 Datasheet (PDF) - AXElite technology co. ltd

AX2016 Datasheet PDF - AXElite technology co. ltd
Part # AX2016
Download  AX2016 Download
File Size   968.93 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 40V, 1.7A Boost for 10 White LED Driver

AX2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX2016 Datasheet PDF - AXElite technology co. ltd

Part # AX2016
Download  AX2016 Click to download

File Size   968.93 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 40V, 1.7A Boost for 10 White LED Driver

AX2016 Datasheet (HTML) - AXElite technology co. ltd


AX2016 Product details

 GENERAL DESCRIPTION
The AX2016 is a step up conver ter designed for driving up to 10 series white LEDs for backlighting application . The AX2016 uses current mode, 1MHZ fixed frequency architecture to regulate the LED current, which is set through an external current sense resistor. Its low 300mV/250mV/200mV feedback voltage reduces power loss and improves efficiency. The OV pin monitors the output voltage and turns off the converter if an over voltage condition is present due to an open circuit condition. The AX2016 includes under voltage lockout, current limiting and thermal shutdown protection preventing damage in the event of an output overload. The driver is available in small 6-pin SOT-23 package.

 FEATURES
- 2.5V to 5.5V operating input voltage range
- Drives up to 10 series White LEDs
- 1MHz Fixed Switching Frequency
- Wide range for PWM dimming (200Hz to 200KHz)
- Internal 1.7A switching current limit
- Over Voltage Protection (OVP)
- Internal Soft-start Function
- Current li mit and Thermal shutdown protection
- Under voltage Lockout
- Available in the 6-pin SOT-23 Package
- RoHS and Halogen free compliance




Similar Part No. - AX2016

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AX201 INTEL-AX201 Datasheet
236Kb / 3P
wifi 6 gig module
logo
AXElite technology co. ...
AX2012 AXELITE-AX2012 Datasheet
888Kb / 13P
1.9A Fixed Frequency White LED Driver
Rev.1.4 Sep.27, 2019
AX2012CT AXELITE-AX2012CT Datasheet
888Kb / 13P
1.9A Fixed Frequency White LED Driver
Rev.1.4 Sep.27, 2019
AX2012CTA AXELITE-AX2012CTA Datasheet
888Kb / 13P
1.9A Fixed Frequency White LED Driver
Rev.1.4 Sep.27, 2019
AX2012Z8 AXELITE-AX2012Z8 Datasheet
888Kb / 13P
1.9A Fixed Frequency White LED Driver
Rev.1.4 Sep.27, 2019
More results


Similar Description - AX2016

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
40V PWM Boost Regulator White LED Driver
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
G2541 GMT-G2541 Datasheet
120Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
logo
Major-Power Technology ...
MA2001 MPOWER-MA2001 Datasheet
231Kb / 7P
1.4A Boost for White LED Driver
MA2001A MPOWER-MA2001A Datasheet
234Kb / 7P
1.4A Boost for White LED Driver
MA2001B MPOWER-MA2001B Datasheet
237Kb / 7P
1.4A Boost for White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3128 FUMAN-A3128 Datasheet
293Kb / 12P
Asynchronous Boost 10 White LED Driver
logo
Shenzhen Huazhimei Semi...
HM9293B HMSEMI-HM9293B Datasheet
796Kb / 10P
Asynchronous boost 10 white LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com