Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2016 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX2016
Description  40V, 1.7A Boost for 10 White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2016 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX2016 Datasheet HTML 1Page - AXElite technology co. ltd AX2016 Datasheet HTML 2Page - AXElite technology co. ltd AX2016 Datasheet HTML 3Page - AXElite technology co. ltd AX2016 Datasheet HTML 4Page - AXElite technology co. ltd AX2016 Datasheet HTML 5Page - AXElite technology co. ltd AX2016 Datasheet HTML 6Page - AXElite technology co. ltd AX2016 Datasheet HTML 7Page - AXElite technology co. ltd AX2016 Datasheet HTML 8Page - AXElite technology co. ltd AX2016 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Sep.27, 2019
AX2016
40V, 1.7A, Boost for 10 White LED Driver
GENERAL DESCRIPTION
The AX2016 is a step-up converter designed for driving up to 10 series white LEDs for
backlighting application. The AX2016 uses current mode, 1MHZ fixed frequency architecture
to regulate the LED current, which is set through an external current sense resistor. Its low
300mV/250mV/200mV feedback voltage reduces power loss and improves efficiency. The
OV pin monitors the output voltage and turns off the converter if an over-voltage condition is
present due to an open circuit condition. The AX2016 includes under-voltage lockout, current
limiting and thermal shutdown protection preventing damage in the event of an output
overload. The driver is available in small 6-pin SOT-23 package.
FEATURES
-
2.5V to 5.5V operating input voltage range
-
Drives up to 10 series White LEDs
-
1MHz Fixed Switching Frequency
-
Wide range for PWM dimming (200Hz to 200KHz)
-
Internal 1.7A switching current limit
-
Over Voltage Protection (OVP)
-
Internal Soft-start Function
-
Current limit and Thermal shutdown protection
-
Under voltage Lockout
-
Available in the 6-pin SOT-23 Package
-
RoHS and Halogen free compliance


Similar Part No. - AX2016

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AX201 INTEL-AX201 Datasheet
236Kb / 3P
wifi 6 gig module
logo
AXElite technology co. ...
AX2012 AXELITE-AX2012 Datasheet
888Kb / 13P
1.9A Fixed Frequency White LED Driver
Rev.1.4 Sep.27, 2019
AX2012CT AXELITE-AX2012CT Datasheet
888Kb / 13P
1.9A Fixed Frequency White LED Driver
Rev.1.4 Sep.27, 2019
AX2012CTA AXELITE-AX2012CTA Datasheet
888Kb / 13P
1.9A Fixed Frequency White LED Driver
Rev.1.4 Sep.27, 2019
AX2012Z8 AXELITE-AX2012Z8 Datasheet
888Kb / 13P
1.9A Fixed Frequency White LED Driver
Rev.1.4 Sep.27, 2019
More results

Similar Description - AX2016

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
40V PWM Boost Regulator White LED Driver
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
G2541 GMT-G2541 Datasheet
120Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
logo
Major-Power Technology ...
MA2001 MPOWER-MA2001 Datasheet
231Kb / 7P
1.4A Boost for White LED Driver
MA2001A MPOWER-MA2001A Datasheet
234Kb / 7P
1.4A Boost for White LED Driver
MA2001B MPOWER-MA2001B Datasheet
237Kb / 7P
1.4A Boost for White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3128 FUMAN-A3128 Datasheet
293Kb / 12P
Asynchronous Boost 10 White LED Driver
logo
Shenzhen Huazhimei Semi...
HM9293B HMSEMI-HM9293B Datasheet
796Kb / 10P
Asynchronous boost 10 white LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com