Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2016 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX2016
Description  40V, 1.7A Boost for 10 White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2016 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX2016 Datasheet HTML 1Page - AXElite technology co. ltd AX2016 Datasheet HTML 2Page - AXElite technology co. ltd AX2016 Datasheet HTML 3Page - AXElite technology co. ltd AX2016 Datasheet HTML 4Page - AXElite technology co. ltd AX2016 Datasheet HTML 5Page - AXElite technology co. ltd AX2016 Datasheet HTML 6Page - AXElite technology co. ltd AX2016 Datasheet HTML 7Page - AXElite technology co. ltd AX2016 Datasheet HTML 8Page - AXElite technology co. ltd AX2016 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Sep.27, 2019
AX2016
ORDER/MARKING INFORMATION
Order Information
Top Marking
XX X
Package Type
Packing
Blank : Bag
A
: Taping
C: SOT-23-6L
AX2016
J
AX2016
Week: 01~26(A~Z)
27~52(a~z)
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
ID Code: Internal
M Y W X
:
Z = 2044
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VCC Pin Voltage
VCC
-0.3 to 6
V
SW Pin Voltage
VSW
-0.3 to 45
V
OV Pin Voltage
VOV
-0.3 to 45
V
EN, FB Pin Voltage
-0.3 to 6
V
Power Dissipation
PD
( TJ-TA ) / θJA
W
Storage Temperature Range
TST
-65 to +150
°C
Operating Junction Temperature Range
TOP
-40 to +125
°C
Thermal Resistance from Junction to case
θJC
130
°C/W
Thermal Resistance from Junction to ambient
θJA
250
°C/W
Note: θJA is measured with the PCB copper area of approximately 1 in2 (Multi-layer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com