Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6492F Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6492F
Description  2.4A/3.1A?믤탛?믣럨?뚧??띶럨DC-DC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6492F Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6492F Datasheet HTML 1Page - Lowpower Semiconductor inc LP6492F Datasheet HTML 2Page - Lowpower Semiconductor inc LP6492F Datasheet HTML 3Page - Lowpower Semiconductor inc LP6492F Datasheet HTML 4Page - Lowpower Semiconductor inc LP6492F Datasheet HTML 5Page - Lowpower Semiconductor inc LP6492F Datasheet HTML 6Page - Lowpower Semiconductor inc LP6492F Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP6492F-00
February.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Preliminary Datasheet LP6492F
LPS 车充系列选型表
型号
输入电压
输出电压
输出电流
限流方式
线补功能
封装
LP6498B
8V-30V
5.1V
1.2A
内置
无线补
SOP8/DIP8
LP6490
8V-30V
可调
2.4A
CS外部可调
大线补可调 ESOP8
LP6490A
8V-30V
可调
2.4A
CS 外部可调
线补可调
ESOP8
LP6492
8V-32V
可调
2.4A
CS 外部可调
线补可调
SOP8
LP6492F24
8V-32V
5.1V
2.4A
CS 外部可调
带线补
SOP8
LP6492F31
8V-32V
5.1V
3.1A
CS 外部可调
带线补
SOP8
LP64920F24
8V-32V
5.1V
2.4A
内置
无线补
SOP8
LP64920F31
8V-32V
5.1V
3.1A
内置
无线补
SOP8
LP6493
8V-30V
可调
3.4A
CS 外部可调
线补可调
SOP8
LP6493F
8V-30V
5.1V
3.4A
CS 外部可调
带线补
SOP8
LP64933
8V-30V
可调
3.6A
CS 外部可调
带线补
SOP8
LP6496
8V-40V
可调
外置MOS
CS 外部可调
线补可调
SOP8
LP6497
9V-40V
可调
外置MOS
双路 CS 外部可调
线补可调
SOP10
协议芯片
型号
输入电压
支持协议
封装
LP102
4.5V-5.5V
BC1.2
SOT23-6
LP103S
3.5V-7V
BC1.2、QC2.0、QC3.0
SOT23-6
LP103Q
3.5V-7V
BC1.2、QC2.0、QC3.0(D+、D-高耐压)
SOT23-6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com