Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6492F Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6492F
Description  2.4A/3.1A?믤탛?믣럨?뚧??띶럨DC-DC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6492F Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6492F Datasheet HTML 1Page - Lowpower Semiconductor inc LP6492F Datasheet HTML 2Page - Lowpower Semiconductor inc LP6492F Datasheet HTML 3Page - Lowpower Semiconductor inc LP6492F Datasheet HTML 4Page - Lowpower Semiconductor inc LP6492F Datasheet HTML 5Page - Lowpower Semiconductor inc LP6492F Datasheet HTML 6Page - Lowpower Semiconductor inc LP6492F Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP6492F-00
February.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
Preliminary Datasheet LP6492F
2.4A/3.1A恒流恒压同步降压DC-DC
 概述
LP6492F是一颗同步整流降压开关模式转换器,内置
功率MOS管。输出电压5.1V,在8V-32V宽输入电压
范围内, 输出电压 5.1V ,可实现持续输出电 流
2.4A/3.1A;
LP6492F具有同步模式操作,可在输出电流负载范围
内实现高效率。电流模式控制下提供快速瞬态响应和
逐周期电流限制;电流采样端引出,通过设定采样电
阻值,可以简单、精确的实现限流值外部调节;
LP6492F内置软启动、过流保护、过压保护、过温保
护、短路保护功能;采用SOP8封装,外部仅需一个
功率电感,最大限度的减小了整体解决方案的占板面
积。
订购信息
LP6492
限流设定电压
A: VCS=53mV
B: VCS=65mV
F: Pb-Free
封装
SO: SOP-8
输出电压
F: 5.1V
输出电流
31: 3.1A
24: 2.4A
应用范围
车载充电器/适配器
行车记录仪
线性调节前置稳压器
分布式供电系统
USB 专用充电端口 (DCP)
特点
宽电压输入范围:8~32V
输出电压5.1V
输出限流可调
效率高达94%
180KHz工作频率
内置软启动
无需外围环路补偿
热保护关断
SOP8封装
典型应用
VOUT+
C1
100uF
C3
470uF
33uH
VIN
NC
GND
VOUT
SW
5/6
1
7/8
3
4
VIN
C2
Option
CS 2
VOUT-
RCS
标记信息
丝印
标识
封装
数量
LP6492F24SOF
LP6492
F24
YWX
SOP8
4K/盘
LP6492F31SOF
LP6492
F31
YWX
SOP8
4K/盘
标识指示
Y:生产年份 W:生产周 X: 序号


Similar Part No. - LP6492F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6492FSOF-A POWER-LP6492FSOF-A Datasheet
381Kb / 7P
30V 2.4A Synchronous Buck Converter
LP6492FSOF-B POWER-LP6492FSOF-B Datasheet
381Kb / 7P
30V 2.4A Synchronous Buck Converter
More results

Similar Description - LP6492F

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC485.1W12 WALL-LANC485.1W12 Datasheet
1Mb / 14P
DC/DC Converter 36-75 VDC Input 5.1 VDC Output at 2.4A
LANC2405UW12 WALL-LANC2405UW12 Datasheet
919Kb / 14P
DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A
logo
Seaward Electronics Inc...
SE3835 SEAWARD-SE3835 Datasheet
460Kb / 9P
40V 4.2A CC/CV ?뚧??띶럨 DC/DC饔ф뜟?
logo
Cypress Semiconductor
S6BP202A CYPRESS-S6BP202A Datasheet
1Mb / 20P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
logo
Lowpower Semiconductor ...
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
High Efficiency 2.4A Boost DC/DC Convertor
logo
Injoinic Technology Co....
IP6503 INJOINIC-IP6503 Datasheet
612Kb / 10P
Output 2.4A/3.1A, integrated SOC IC for DCP output protocol
logo
Lowpower Semiconductor ...
LP64920F POWER-LP64920F Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP6401 POWER-LP6401 Datasheet
510Kb / 7P
?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
LP6402F POWER-LP6402F Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com