Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6401 Datasheet (PDF) - Lowpower Semiconductor inc

LP6401 Datasheet PDF - Lowpower Semiconductor inc
Part # LP6401
Download  LP6401 Download
File Size   510.69 Kbytes
Page   7 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description ?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?

LP6401 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP6401 Datasheet PDF - Lowpower Semiconductor inc

Part # LP6401
Download  LP6401 Click to download

File Size   510.69 Kbytes
Page   7 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description ?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?

LP6401 Datasheet (HTML) - Lowpower Semiconductor inc




Similar Part No. - LP6401

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6400 POWER-LP6400 Datasheet
545Kb / 7P
18W恙ュ뀉?뚧??띶럨饔ф뜟?
LP6402F POWER-LP6402F Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
LP6402F24SOF POWER-LP6402F24SOF Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
LP6402F31SOF POWER-LP6402F31SOF Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
LP6402F34SOF POWER-LP6402F34SOF Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
More results


Similar Description - LP6401

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SMB4115 SSOUSA-SMB4115 Datasheet
215Kb / 6P
High Continuous Load Current (3.4A)
logo
Seaward Electronics Inc...
SE3807 SEAWARD-SE3807 Datasheet
380Kb / 4P
SE3807??쳵?덄럤?뚧?竊똏WM?띶럨?
SE3835 SEAWARD-SE3835 Datasheet
460Kb / 9P
40V 4.2A CC/CV ?뚧??띶럨 DC/DC饔ф뜟?
logo
Injoinic Technology Co....
IP6503 INJOINIC-IP6503 Datasheet
612Kb / 10P
Output 2.4A/3.1A, integrated SOC IC for DCP output protocol
logo
Shenzhen Huazhimei Semi...
HM1599 HMSEMI-HM1599 Datasheet
1Mb / 7P
18W USB PD 嶺됧쩀?뤺??띶럨??뎴
logo
Lowpower Semiconductor ...
LP6492F POWER-LP6492F Datasheet
463Kb / 7P
2.4A/3.1A?믤탛?믣럨?뚧??띶럨DC-DC
LP64920F POWER-LP64920F Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP6400 POWER-LP6400 Datasheet
545Kb / 7P
18W恙ュ뀉?뚧??띶럨饔ф뜟?
LP6402F POWER-LP6402F Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
logo
Shenzhen Huazhimei Semi...
HM2459A HMSEMI-HM2459A Datasheet
366Kb / 4P
60V,480KHz,0.5A ?띶럨?뗧뵷繹
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com