Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6401 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6401
Description  ?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6401 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6401 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LP6401F-02
2019.-10
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 7
数据手册 LP6401
原理介绍
LP6401F采用恒定频率、电流模式结构工作。输出电
压返回到VOUT引脚的内部除法器装置。误差放大器将
分离的输出电压与参考电压进行比较,并相应地调整
峰值电感电流
线损补偿
为了补偿充电器线缆电阻造成的输出电压下降,
LP6401F内置线损补偿功能,在不同输出电流条件下,
对输出电压进行补偿,负载电流越大,线损补尝也跟
随增大,
过压保护
LP6401F 输入内置过压保护功能,当输入电压大于
32V 时,输出保护关掉。
热保护
LP6401F 的总功耗受热保护电路的限制。当设备温度
上升到大约+160℃时,该电路关闭输出,使 IC 冷却。
热保护电路能在故障条件下保护装置不受过热损坏。
连续运行 LP6401F 进入热关机状态会降低设备的可靠
性。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com