Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6401 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6401
Description  ?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6401 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6401 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP6401F-02
2019.-10
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
数据手册 LP6401
极限参数
VIN对 GND ------------------------------------------------------------------------------------------------------------ -0.3V to +38V
SW对 GND------------------------------------------------------------------------------------------------------------- -0.3V to +38V
其它各管脚 对 GND ----------------------------------------------------------------------------------------------------0.3V to +6V
存储温度范围------------------------------------------------------------------------------------------------------- -55℃ to +165℃
最高工作结温--------------------------------------------------------------------------------------------------------------------+150℃
最高焊接温度 (引线处, 10 s)---------------------------------------------------------------------------------------------- +260℃
注: 高于“极限参数”所列应力数值的应力可能对芯片造成永久性损坏。这些仅是极限参数,器件工作在极限参数或
其他超过“推荐工作条件”的状态都不是被推荐的;在任何极限值条件下暴露时间过长都有可能影响芯片的可
靠性和使用寿命。
热阻信息
最大功耗 (PD,TA=25℃) ------------------------------------------------------------------------------------------------------ 1.5W
热阻 (θJA) --------------------------------------------------------------------------------------------------------------------- 80℃/W
静电放电敏感性
HBM(人体模式) ----------------------------------------------------------------------------------------------------------------- 2KV
MM(机器模式) ------------------------------------------------------------------------------------------------------------------ 200V
推荐工作条件
输入电压---------------------------------------------------------------------------------------------------------------------- 8V to 32V
环境温度范围--------------------------------------------------------------------------------------------------------- -20℃ to 85℃
注:超出这些工作条件,器件工作特性不能保证。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com