Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6401 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6401
Description  ?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6401 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6401 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP6401F-02
2019.-10
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
数据手册 LP6401
内置协议 2.4A/3.1A/3.4A 同步降压稳压器
 概述
LP6401是一颗同步整流降压开关模式转换器,内
置功率MOS管。输出电压5.1V,在8V-32V宽输入
电压范围内,输出电压5.1V,可实现持续输出电
流2.4A/3.1A/3.4A;
LP6401F具有同步模式操作,可在输出电流负载
范围内实现高效率。电流模式控制下提供快速瞬
态响应和逐周期电流限制;
LP6401F最大限度减少外围器件,外部仅需一个
功率电感,内置软启动、过流保护、过压保护、
过温保护、短路保护功能;采用SOP8封装
订购信息
LP6401
F: Pb-Free
封装
SO: SOP-8
输出电压
F: 5V
输出电流
31: 3.1A
24: 2.4A
34: 3.4A
应用范围
车载充电器/适配器
线性调节前置稳压器
分布式供电系统
USB 专用充电端口 (DCP)
特点
宽电压输入范围:8~32V
输出电压5.1V
内置BC1.2 USB识别
效率高达92%
120KHz工作频率
超低EMI设计
热保护关断
SOP8封装
典型应用
VOUT
C1
100uF
C3
220uF
33uH
VIN
GND
VOUT
SW
VIN
C2
Option
DP
D+
D-
GND
DM
1K
标记信息
丝印
标识
封装
数量
LP6401F-24SOF
LP6401F
24
YWXXX
SOP8
4K/盘
LP6401F-31SOF
LP6401F
31
YWXXX
SOP8
4K/盘
LP6401F-34SOF
LP6401F
34
YWXXX
SOP8
4K/盘
标识指示
Y:生产年份 W:生产周 X: 序号


Similar Part No. - LP6401

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6400 POWER-LP6400 Datasheet
545Kb / 7P
18W恙ュ뀉?뚧??띶럨饔ф뜟?
LP6402F POWER-LP6402F Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
LP6402F24SOF POWER-LP6402F24SOF Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
LP6402F31SOF POWER-LP6402F31SOF Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
LP6402F34SOF POWER-LP6402F34SOF Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
More results

Similar Description - LP6401

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SMB4115 SSOUSA-SMB4115 Datasheet
215Kb / 6P
High Continuous Load Current (3.4A)
logo
Seaward Electronics Inc...
SE3807 SEAWARD-SE3807 Datasheet
380Kb / 4P
SE3807??쳵?덄럤?뚧?竊똏WM?띶럨?
SE3835 SEAWARD-SE3835 Datasheet
460Kb / 9P
40V 4.2A CC/CV ?뚧??띶럨 DC/DC饔ф뜟?
logo
Injoinic Technology Co....
IP6503 INJOINIC-IP6503 Datasheet
612Kb / 10P
Output 2.4A/3.1A, integrated SOC IC for DCP output protocol
logo
Shenzhen Huazhimei Semi...
HM1599 HMSEMI-HM1599 Datasheet
1Mb / 7P
18W USB PD 嶺됧쩀?뤺??띶럨??뎴
logo
Lowpower Semiconductor ...
LP6492F POWER-LP6492F Datasheet
463Kb / 7P
2.4A/3.1A?믤탛?믣럨?뚧??띶럨DC-DC
LP64920F POWER-LP64920F Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP6400 POWER-LP6400 Datasheet
545Kb / 7P
18W恙ュ뀉?뚧??띶럨饔ф뜟?
LP6402F POWER-LP6402F Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
logo
Shenzhen Huazhimei Semi...
HM2459A HMSEMI-HM2459A Datasheet
366Kb / 4P
60V,480KHz,0.5A ?띶럨?뗧뵷繹
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com