Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6498 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6498
Description  600KHz 36V/1.2A Synchronous Step-down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6498 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6498 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LP6498-00
Mar.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 9
Preliminary Datasheet
LP6498
Typical Application Circuit
LP6498SOF Application Circuit
LP6498B6F Application Circuit
VIN
2
SW
7
Vout
6
REF
4
LED
5
GND
3
RV
8
EN
1
100uF
100uF
47nF
15uH
LED
USB
1
3
2
4
VIN
5.1R
VIN
EN
GND
FB
NC
SW
R1
100K
R2
100K
22uF
22uF
15uH
VIN
Vout(1.2V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com