Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6498 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6498
Description  600KHz 36V/1.2A Synchronous Step-down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6498 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6498 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LP6498-00
Mar.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 9
Preliminary Datasheet
LP6498
600KHz 36V/1.2A Synchronous Step-down Converter
General Description
The LP6498 is a synchronous step-down regulator
from a high voltage input supply.Operating with an
input voltage range from 8Vto 30V.1.2A continuous
output current .The converter integrates a main
switch and a synchronous rectifier for high
efficiency without an external Schottky diode.
LP6498 Requires a minimum number of readily
available
standard
external
components.over
current protection and thermal shutdown . output
short circuit protection.
The LP6498 converters are available in the industry
standard SOP8&SOT23-6 packages.
Order Information
LP6498 □ □ □
F: Pb-Free
Package Type
SO: SOP-8
B6:SOT23-6
Features
Input Voltage Range: 8V to 30V
Output Voltage :5.1V
1200mA Load Current
Up to 93% Efficiency
600KHz Switching Frequency
Short Circuit Protection
Thermal Fault Protection
S O P 8 & S O T 2 3 - 6 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Car Charger / Adaptor
Pre-Regulator for Linear Regulators
Distributed Power Systems
USB Dedicated Charging Ports (DCP)
Marking Information
Device
Marking
Package
Shipping
LP6498SOF
LPS
LP6498
YWX
SOP8
4K/REEL
LP6498B6F
LPS
AOYWX
SOT23-6
3K/REEL
Marking indication:
Y: Year code. W: Week code. X: Batch numbers.


Similar Part No. - LP6498

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6490 POWER-LP6490 Datasheet
364Kb / 6P
30V 2.4A Synchronous Buck Converter
LP6492 POWER-LP6492 Datasheet
381Kb / 7P
30V 2.4A Synchronous Buck Converter
LP64920F POWER-LP64920F Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP64920F24SOF POWER-LP64920F24SOF Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP64920F31SOF POWER-LP64920F31SOF Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
More results

Similar Description - LP6498

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
1.2A Synchronous Rectified Step-Down Converter
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5259A AME-AME5259A Datasheet
360Kb / 21P
1.2A, 1.5MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP4410 MPS-MP4410 Datasheet
545Kb / 17P
36V, 100mA Synchronous Step-Down Converter
MP8619 MPS-MP8619 Datasheet
347Kb / 12P
8A, 25V, 600kHz Synchronous Step-down Converter
MP9442 MPS-MP9442 Datasheet
594Kb / 20P
High Efficiency 2A, 36V, 600kHz Synchronous Step-Down Converter with Power Good
MPM3510A MPS-MPM3510A Datasheet
544Kb / 22P
36V/1.2A Module Synchronous Step-Down Converter with Integrated Inductor
EV4420-J-00A MPS-EV4420-J-00A Datasheet
891Kb / 8P
2A, 36V, Synchronous Step Down Converter
logo
First Silicon Co., Ltd
FC3470DFN22 FS-FC3470DFN22 Datasheet
859Kb / 13P
600kHz, 18V, 2.0A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com