Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6498SOF Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6498SOF
Description  600KHz 36V/1.2A Synchronous Step-down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6498SOF Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6498SOF Datasheet HTML 1Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 2Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 3Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 4Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 5Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 6Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 7Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 8Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LP6498-00
Mar.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 9
Preliminary Datasheet
LP6498
Typical Operating Characteristics
0
10
20
30
40
50
60
70
80
90
100
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
IOut(A)
Efficiency VS Iout
VIN=8V
VIN=12V
VIN=18V
VIN=24V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com