Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6498SOF Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP6498SOF
Description  600KHz 36V/1.2A Synchronous Step-down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6498SOF Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP6498SOF Datasheet HTML 1Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 2Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 3Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 4Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 5Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 6Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 7Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 8Page - Lowpower Semiconductor inc LP6498SOF Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LP6498-00
Mar.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 9
Preliminary Datasheet
LP6498
Operation Information
Functional Description
The LP6498 is a switch-mode step-down DC-DC converter.
The device operates at a fixed 600KHz switching frequency,
and uses a slope compensated current mode architecture.
This step-down DC-DC converter can supply up to 1.2A
output current at input voltage range from 8V to 30V. It
minimizes external component size and optimizes efficiency
at the heavy load range. The integrated slope compensation
allows the device to remain stable over a wider range of
inductor values so that smaller values (6.8μH to 22μH) with
lower DCR can be used to achieve higher efficiency.
Layout Guidance
When laying out the PCB board, the following layout guideline
should be followed to ensure proper operation of the LP6498:
1. The power traces, including the GND trace, the SW trace
and the IN trace should be kept short, direct and wide to allow
large current flow. The L connection to the SW pins should be
as short as possible. Use several VIN pads when routing
between layers.
2. The input capacitor (CIN) should connect as closely as
possible to VIN and GND to get good power filtering.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com