Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28019B Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28019B
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28019B Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28019B Datasheet HTML 1Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 2Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 3Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 4Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 5Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 6Page - Lowpower Semiconductor inc LP28019B Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP28019B
LP28019B – 01
Aug-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
1A Single Chip Li-Ion and Li-Polymer Charger
General Description
The LP28019B is a complete constant-current/ constant voltage
linear charger for single cell lithium-ion battery. Its ESOP8
package and low external component count make the
LP28019B ideally suited for portable applications. No external
sense resistor is needed, and no blocking diode is required due
to the internal MOSFET architecture. Thermal feedback
regulates the charge current to limit the die temperature during
high power operation or high ambient temperature. The charge
voltage is fixed at 4.2V, and the charge current can be ISET
programmed externally with a single resistor.
The LP28019B automatically terminates the charge cycle when
the charge current drops to 1/10 setting current value after the
final float voltage is reached.
When the input supply is removed, the LP28019B automatically
enters a low current state, dropping the battery drain current to
less than < 1µA.
Other features include charge current monitor, under voltage
lockout, automatic recharge and a status pin to indicate charge
termination and the presence of an input voltage.
Order Information
LP28019B □ □ □ □
F: Pb-Free
Package Type
SP: ESOP8
Charge Voltage
Default:4.2V
Applications
Portable Media Players/Game
Power Bank
Bluetooth Applications
PDA/MID
Features
input voltage up to 28V
input Over Voltage Protection:7V
Short-circuit protection
Programmable Charge Current:300mA to 1000mA
< 1µA Battery Reverse Current
Protection of Reverse Connection of Battery
No MOSFET, Sense Resistor or Blocking Diode Required
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charge Rate Without
Risk of Overheating
ESOP8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
CHRG
GND
LP28019B
Battery
VIN
1K
LED2
BAT
NC
COV
10uF
ISET
RISET
CIN
1uF
VIN
1
5
8
2
4
3/6/7
Marking Information
Device
Marking
Package
Shipping
LP28019BSPF
LPS
LP28019B
YWX
ESOP8
4K/REEL
Marking indication:
Y:Production year W:Production week X: Series Number


Similar Part No. - LP28019B

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28019-00 POWER-LP28019-00 Datasheet
461Kb / 9P
Vin Over Voltage Protection:6.5V
More results

Similar Description - LP28019B

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28013 POWER-LP28013 Datasheet
492Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28013A POWER-LP28013A Datasheet
373Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28014 POWER-LP28014 Datasheet
296Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28021S POWER-LP28021S Datasheet
566Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
1A Single-chip Li-ion and Li-POL Charger
LP4063 POWER-LP4063 Datasheet
376Kb / 6P
800mA Single Chip Li-Ion and Li-Polymer Charger
LP4065 POWER-LP4065 Datasheet
397Kb / 8P
800mA Single Chip Li-Ion and Li-Polymer Charger
LP4067 POWER-LP4067 Datasheet
400Kb / 8P
800mA Single Chip Li-ion and Li-Polymer Charger
LP4068 POWER-LP4068 Datasheet
451Kb / 8P
800mA Single Chip Li-Ion and Li-Polymer Charger
LP4069 POWER-LP4069 Datasheet
429Kb / 8P
800mA Single Chip Li-Ion and Li-Polymer Charger
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com