Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28021S Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP28021S
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28021S Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP28021S Datasheet HTML 1Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 2Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 3Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 4Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 5Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 6Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP28021S-00
Jan.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Preliminary Datasheet
LP28021S
Typical Application Circuit
VIN
10
IBAT
6
BAT
3
CHRG
4
GND
1/7
VIN
VBAT
LP28021S
CIN
10uF
CBAT
10uF
RISET
5.1KΩ
1KΩ
LED1
Battery
STDBY
5
Function Block Diagram
VIN
BAT
R2
R1
Control
Logic
GND
CHRG
ISET
STDBY



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com