Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28021S Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28021S
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28021S Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28021S Datasheet HTML 1Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 2Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 3Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 4Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 5Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 6Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP28021S-00
Jan.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
Preliminary Datasheet
LP28021S
1A Single Chip Li-Ion and Li-Polymer Charger
General Description
The LP28021S is a complete constant-current/
constant voltage linear charger for single cell
lithium-ion battery. Its TDFN-10 package and low
external component count make the LP28021S ideally
suited for portable applications. No external sense
resistor is needed, and no blocking diode is required
due to the internal MOSFET architecture. Thermal
feedback regulates the charge current to limit the die
temperature during high power operation or high
ambient temperature. The charge voltage is fixed at
4.2V, and the charge current can be ISET
programmed externally with a single resistor.
The LP28021S automatically terminates the charge
cycle when the charge current drops to 1/10 setting
current value after the final float voltage is reached.
When the input supply is removed, the LP28021S
automatically enters a low current state, dropping the
battery drain current to less than 1µA.
Other features include charge current monitor, under
voltage lockout, automatic recharge and a status pin.
Order Information
LP28021S
F: Pb-Free
Package Type
QV: TDFN-10
Features
Input Voltage up to 30V
Battery Maximum Voltage up to 20V
Input Over Voltage Protection:6.2V
Short-circuit protection
Programmable Charge Current up to 1A
1µA Battery Reverse Current
Protection of Reverse Connection of Battery
No MOSFET, Sense Resistor or Blocking Diode
Required
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
TDFN-10 3*3mm Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Portable Media Players/Game
Power Bank
Bluetooth Applications
PDA/MID
Marking Information
Device
Marking
Package
Shipping
LP28021SQVF
LP28021S
YWX
TDFN-10
3K/REEL
Marking indication:
Y:Production year W:Production week X: Series Number


Similar Part No. - LP28021S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
LP28021A POWER-LP28021A Datasheet
822Kb / 11P
1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
More results

Similar Description - LP28021S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28013 POWER-LP28013 Datasheet
492Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28013A POWER-LP28013A Datasheet
373Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28014 POWER-LP28014 Datasheet
296Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28019B POWER-LP28019B Datasheet
268Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
1A Single-chip Li-ion and Li-POL Charger
LP4063 POWER-LP4063 Datasheet
376Kb / 6P
800mA Single Chip Li-Ion and Li-Polymer Charger
LP4065 POWER-LP4065 Datasheet
397Kb / 8P
800mA Single Chip Li-Ion and Li-Polymer Charger
LP4067 POWER-LP4067 Datasheet
400Kb / 8P
800mA Single Chip Li-ion and Li-Polymer Charger
LP4068 POWER-LP4068 Datasheet
451Kb / 8P
800mA Single Chip Li-Ion and Li-Polymer Charger
LP4069 POWER-LP4069 Datasheet
429Kb / 8P
800mA Single Chip Li-Ion and Li-Polymer Charger
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com