Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP64920F Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP64920F
Description  2.4A/3.1A DC-DC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP64920F Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP64920F Datasheet HTML 1Page - Lowpower Semiconductor inc LP64920F Datasheet HTML 2Page - Lowpower Semiconductor inc LP64920F Datasheet HTML 3Page - Lowpower Semiconductor inc LP64920F Datasheet HTML 4Page - Lowpower Semiconductor inc LP64920F Datasheet HTML 5Page - Lowpower Semiconductor inc LP64920F Datasheet HTML 6Page - Lowpower Semiconductor inc LP64920F Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LP64920F-01
February.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 7
Preliminary Datasheet LP64920F
原理介绍
LP64920F采用恒定频率、电流模式结构工作。输出电
压返回到VOUT引脚的内部除法器装置。误差放大器将
分离的输出电压与参考电压进行比较,并相应地调整
峰值电感电流
热保护
LP64920F 的总功耗受热保护电路的限制。当设备温度
上升到大约+160℃时,该电路关闭输出,使 IC 冷却。
热保护电路能在故障条件下保护装置不受过热损坏。
连续运行 LP64920F 进入热关机状态会降低设备的可
靠性。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com