Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP64920F Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP64920F
Description  2.4A/3.1A DC-DC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP64920F Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP64920F Datasheet HTML 1Page - Lowpower Semiconductor inc LP64920F Datasheet HTML 2Page - Lowpower Semiconductor inc LP64920F Datasheet HTML 3Page - Lowpower Semiconductor inc LP64920F Datasheet HTML 4Page - Lowpower Semiconductor inc LP64920F Datasheet HTML 5Page - Lowpower Semiconductor inc LP64920F Datasheet HTML 6Page - Lowpower Semiconductor inc LP64920F Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP64920F-01
February.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
Preliminary Datasheet LP64920F
2.4A/3.1A恒流恒压同步降压DC-DC
 概述
LP64920F是一颗同步整流降压开关模式转换器,内
置功率MOS管。输出电压5.1V,在8V-32V宽输入电
压范围内,输出电压5.1V,可实现持续输出电流
2.4A/3.1A;
LP64920F具有同步模式操作,可在输出电流负载范
围内实现高效率。电流模式控制下提供快速瞬态响应
和逐周期电流限制;
LP64920F内置软启动、过流保护、过压保护、过温
保护、短路保护功能;外部仅需一个功率电感,采用
SOP8封装,最大限度的减小了整体解决方案的占板
面积。
订购信息
LP64920
F: Pb-Free
封装
SO: SOP-8
输出电流
输出电压
31: 3.1A
F: 5.1V
24: 2.4A
应用范围
车载充电器/适配器
行车记录仪
线性调节前置稳压器
分布式供电系统
USB 专用充电端口 (DCP)
特点
宽电压输入范围:8~32V
输出电压5.1V
效率高达94%
180KHz工作频率
内置软启动
无需外围环路补偿
热保护关断
SOP8封装
典型应用
VOUT
C1
100uF
C3
470uF
47uH
VIN
NC
GND
VOUT
SW
5/6
1
7/8
2/3
4
VIN
C2
Option
标记信息
丝印
标识
封装
数量
LP64920F31SOF
LP64920
F31
YWX
SOP8
4K/盘
LP64920F24SOF
LP64920
F24
YWX
SOP8
4K/盘
标识指示
Y:生产年份 W:生产周 X: 序号


Similar Part No. - LP64920F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6492 POWER-LP6492 Datasheet
381Kb / 7P
30V 2.4A Synchronous Buck Converter
LP6492F POWER-LP6492F Datasheet
463Kb / 7P
2.4A/3.1A?믤탛?믣럨?뚧??띶럨DC-DC
LP6492F24SOF POWER-LP6492F24SOF Datasheet
463Kb / 7P
2.4A/3.1A?믤탛?믣럨?뚧??띶럨DC-DC
LP6492F31SOF POWER-LP6492F31SOF Datasheet
463Kb / 7P
2.4A/3.1A?믤탛?믣럨?뚧??띶럨DC-DC
LP6492FSOF-A POWER-LP6492FSOF-A Datasheet
381Kb / 7P
30V 2.4A Synchronous Buck Converter
More results

Similar Description - LP64920F

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC125.1W12 WALL-LANC125.1W12 Datasheet
889Kb / 14P
DC/DC Converter 9-18 VDC Input 5.1 VDC Output at 2.4A
LANC485.1W12 WALL-LANC485.1W12 Datasheet
1Mb / 14P
DC/DC Converter 36-75 VDC Input 5.1 VDC Output at 2.4A
LANC2405UW12 WALL-LANC2405UW12 Datasheet
919Kb / 14P
DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A
logo
Cypress Semiconductor
S6BP202A CYPRESS-S6BP202A Datasheet
1Mb / 20P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
logo
Lowpower Semiconductor ...
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
High Efficiency 2.4A Boost DC/DC Convertor
logo
Injoinic Technology Co....
IP6503 INJOINIC-IP6503 Datasheet
612Kb / 10P
Output 2.4A/3.1A, integrated SOC IC for DCP output protocol
logo
Lowpower Semiconductor ...
LP6492F POWER-LP6492F Datasheet
463Kb / 7P
2.4A/3.1A?믤탛?믣럨?뚧??띶럨DC-DC
LP6401 POWER-LP6401 Datasheet
510Kb / 7P
?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
LP6402F POWER-LP6402F Datasheet
527Kb / 7P
2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com