Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP64933 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP64933
Description  36V/3.6A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP64933 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP64933 Datasheet HTML 1Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 2Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 3Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 4Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 5Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 6Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
数据手册
LP64933
36V/3.6A 恒流恒压同步降压转换器
芯片概述
LP64933是一个高压输入,恒流控制的同步降压稳压器。
在输入电压为8V-30V的情况下,LP64933可以实现
3.6A的连续输出电流,具有良好的线性调整和负载调整
能力。恒流控制模式提供了快速的瞬态响应和易于回路
稳定。
LP64933最大限度的减少了外围器件。其他功能包括电
缆补偿,可编程电流限制和过热关断。
LP64933转换器采用行业标准SOP8封装。
标示信息
LP64933
封装类型
SO: SOP-8
F: 无铅
应用范围
车载充电器/适配器
线性稳压器的预调节器
分布式电源系统
充电器
特点
8V至30V的宽输入范围
48mΩ/22mΩ的低RDS(ON)内部功率MOSFET
效率高达94%
180KHz开关频率
±2%恒压精度
±5%高恒流精度
输出线损补偿
可通过外部电阻编程的过流保护(OCP)
56mV低压差恒流基准
过热关断
采用SOP-8封装
丝印及包装信息
型号
丝印
封装
包装
LP64933
LPS
LP64933
YWX
SOP-8
4K/REEL
丝印标示:
Y:生产年份 W:生产周 X:批次号
LP64933-00
Apr.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7


Similar Part No. - LP64933

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
LP6493A POWER-LP6493A Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
LP6493B POWER-LP6493B Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
More results

Similar Description - LP64933

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFR9220 INTERSIL-IRFR9220 Datasheet
99Kb / 8P
3.6A, 200V, 1.500 Ohm, P-Channel Power MOSFETs
July 1999
logo
International Rectifier
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
logo
Pulse A Technitrol Comp...
PE-53911NLT PULSE-PE-53911NLT Datasheet
142Kb / 1P
SMT COMMON MODE INDUCTORS 0.5A to 3.6A
logo
Unisonic Technologies
UT2035Z UTC-UT2035Z Datasheet
158Kb / 4P
-3.6A, -20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pulse A Technitrol Comp...
PE-53912NLT PULSE-PE-53912NLT Datasheet
142Kb / 1P
SMT COMMON MODE INDUCTORS 0.5A to 3.6A
logo
Renesas Technology Corp
ISL91107 RENESAS-ISL91107 Datasheet
920Kb / 14P
High Efficiency Buck-Boost Regulator with 3.6A Switches
logo
Will Semiconductor Ltd.
WPM2037 WILLSEMI-WPM2037 Datasheet
285Kb / 6P
Single P-Channel, -20V, -3.6A , Power MOSFET
WPMD2010 WILLSEMI-WPMD2010 Datasheet
1Mb / 8P
Dual P-Channel, -20 V, -3.6A, Power MOSFET
WPMD2075 WILLSEMI-WPMD2075 Datasheet
662Kb / 6P
Dual P-Channel, -20V, -3.6A, Power MOSFET
logo
SparkFun Electronics
ROB-10391 SPARKFUN-ROB-10391 Datasheet
334Kb / 2P
Solenoid 36v
5-15-18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com