Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP64933 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP64933
Description  36V/3.6A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP64933 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP64933 Datasheet HTML 1Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 2Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 3Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 4Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 5Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 6Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
数据手册
LP64933
引脚信息
封装类型
引脚信息
SOP-8
1
2
3
4
8
7
6
5
FB
CS
GND
VIN
GND
GND
SW
SW
SOP-8
(Top View)
序号
名称
描述
1
FB
电压反馈端,反馈电压为 0.6V。
2
CS
输出电流检测端
3
GND
地线
4
VIN
电源输入端
5,6
SW
开关控制端
7,8
GND
功率地线
典型应用电路
VIN
SW
FB
CS
GND
4
3,7,8
2
1
5,6
VIN
VOUT+
VOUT-
100uF
33uH
RUP
180KΩ
470uF
RDN
24KΩ
RSEN
13mΩ
LP64933
Option
LP64933-00
Apr.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com