Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78070F Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP78070F
Description  800mA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78070F Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP78070F Datasheet HTML 1Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 2Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 3Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 4Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 5Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 6Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 7Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LP78070F-00
Jun.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 8
初步数据表
LP78070F
极限参数
VIN、BAT至GND ----------------------------------------------------------------------- -0.3V~+7V
SW至GND ----------------------------------------------------------------------------- -0.3V~+12V
FB至GND ------------------------------------------------------------------------------- -0.3V~+7V
DR至GND ----------------------------------------------------------------------------- -0.3V~+12V
最高结温 --------------------------------------------------------------------------------------- 125°C
最大焊接温度(引线处,10秒)---------------------------------------------------------------- 260°C
存储温度 ------------------------------------------------------------------------------- -55℃~150°C
ESD 系数
人体模型(HBM) ------------------------------------------------------------------------------------------------------ 2KV
机械模型(MM) ------------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com