Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78070F Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP78070F
Description  800mA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78070F Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP78070F Datasheet HTML 1Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 2Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 3Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 4Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 5Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 6Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 7Page - Lowpower Semiconductor inc LP78070F Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LP78070F-00
Jun.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 8
初步数据表
LP78070F
电气参数
(TA=25℃,VIN=5V,除非特别注明)
参数
符号
测试条件
最小值
典型值
最大值
单位
充电输入电压
VIN
4.4
5
5.5
V
输入欠压阈值
VUVLO
3.6
V
输入欠压迟滞电压
VUVLO_HYS
200
mV
自适应电压
VREG
IIN_LIM=500mA
4.4
V
充满电压
VFLOAT
4.158
4.2
4.242
V
电池漏电流
IBAT
VIN=5V,升压关断
9
uA
VIN=NC,升压关断
0.2
uA
VIN=NC,升压 3 挡,空载
7
uA
涓流充电电压阈值
VTRIKL
1.9
V
再充电电压阈值
ΔVRECHRG
180
mV
涓流充电电流
ITRIKL
1 挡、2 挡
180
mA
3 挡
300
mA
恒流充电电流
ICHRG
1 挡、2 挡
800
mA
3 挡
1200
mA
电池低压提示电压
3.05
V
电池终止放电电压
2.9
V
FB 基准电压
VFB
1 挡
0.6
V
2 挡
0.9
V
3 挡
1.2
V
升压开关频率
fOSC
900
KHz
升压功率 NMOS 内阻
RDS(ON)
100
mΩ
DR NMOS 内阻
RDS(ON)_DR
250
mΩ
LED0/LED1/LED2 驱动电流
5
mA
按键最小有效时间
25
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com