Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5201 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LPW5201
Description  Power Switch with Programmable Current Limit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5201 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LPW5201 Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5201 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5201 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5201 Datasheet HTML 4Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LPW5201-00
Nov.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 4
Preliminary Datasheet
LPW5201
Power Switch with Programmable Current Limit
General Description
The LPW5201 is an integrated power switch for
self-powered and bus-powered Universal Series Bus
(USB) applications. A built-in charge pump is used to
drive the N-Channel MOSFET that is free of parasitic
body diode to eliminate any reversed current flow
across the switch when it is powered off. Its low
quiescent current (30μA) and small package (SOT23-5)
is particularly suitable in battery-powered portable
equipment.
Several protection functions include soft start to limit
inrush current during plug-in, current limiting at 600mA,
1100mA or 2100mA to meet USB power requirement,
and thermal shutdown to protect damage under over
current conditions.
Order Information
LPW5201
Current Limit
06: 600mA
11: 1100mA
F: Pb-Free
B5: SOT23-5
21: 2100mA
Package Type
Applications
Power Switch
USB Device
Battery Charger Circuits
Features
80mΩ Low RDS(ON), High-side N-MOSFET
2.5V to 6V Input Voltage
Low Quiescent Current:30μA
Soft Start Function
Built-In Short-Circuit Protection
Built-in Thermal Protection
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
VIN
VOUT
EN
FLAG
GND
CIN
COUT
LPW5201
OUT
IN
FLAG
Marking Information
Device
Marking
Package
Shipping
LPW5201B5F-06
LPS
B2YWX
SOT23-5
3K/REEL
LPW5201B5F-11
LPS
B1YWX
SOT23-5
3K/REEL
LPW5201B5F-21
LPS
1WYWX
SOT23-5
3K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch


Similar Part No. - LPW5201

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
Power Distribution Switches
LPW5202 POWER-LPW5202 Datasheet
1Mb / 14P
High-Side Load Switch with Over-Current Protection
Rev1.7 June-2022
LPW5202-B5F POWER-LPW5202-B5F Datasheet
372Kb / 8P
Power Distribution Switches
LPW5202AB5F POWER-LPW5202AB5F Datasheet
1Mb / 14P
High-Side Load Switch with Over-Current Protection
Rev1.7 June-2022
LPW5202ADB5F POWER-LPW5202ADB5F Datasheet
1Mb / 14P
High-Side Load Switch with Over-Current Protection
Rev1.7 June-2022
More results

Similar Description - LPW5201

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2544A MICREL-MIC2544A Datasheet
993Kb / 19P
Programmable Current Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
Programmable Current-Limit High-Side Switch
logo
Richtek Technology Corp...
RT9722 RICHTEK-RT9722 Datasheet
320Kb / 14P
145m廓, 1.5A Power Switch with Programmable Current Limit
RT9728A RICHTEK-RT9728A Datasheet
222Kb / 13P
120m廓, 1.3A Power Switch with Programmable Current Limit
logo
Monolithic Power System...
MP5000 MPS-MP5000 Datasheet
772Kb / 12P
12V, 5A Programmable Current Limit Switch
MP5011 MPS-MP5011 Datasheet
833Kb / 12P
12V, 5A Switch with Programmable Current Limit
logo
Richtek Technology Corp...
RT9728C RICHTEK-RT9728C Datasheet
210Kb / 13P
Power Switch with Programmable Current Limit
logo
Monolithic Power System...
MP5000A MPS-MP5000A Datasheet
487Kb / 14P
12V, 5A Programmable Current Limit Switch
MP5000S MPS-MP5000S Datasheet
775Kb / 13P
12V, 5A Programmable Current Limit Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com