Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM135 Datasheet(PDF) 4 Page - Silicon Supplies

Part # LM135
Description  Analog Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM135 Datasheet(HTML) 4 Page - Silicon Supplies

  LM135 Datasheet HTML 1Page - Silicon Supplies LM135 Datasheet HTML 2Page - Silicon Supplies LM135 Datasheet HTML 3Page - Silicon Supplies LM135 Datasheet HTML 4Page - Silicon Supplies LM135 Datasheet HTML 5Page - Silicon Supplies LM135 Datasheet HTML 6Page - Silicon Supplies LM135 Datasheet HTML 7Page - Silicon Supplies LM135 Datasheet HTML 8Page - Silicon Supplies LM135 Datasheet HTML 9Page - Silicon Supplies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page 4 of 10
www.siliconsupplies.com
Analog Temperature Sensor – LM135
Rev 1.1
28/04/20
Typical Characteristics (T
J = 25°C unless otherwise specified)
FIGURE 1. Reverse Voltage Change
TJ = +125°C
TJ = 25°C
TJ = -55°C
0
2
4
6
8
0
2
4
6
8
Reverse Current (mA)
-55
25
105
185
Temperature (°C)
-4
-2
0
2
4
FIGURE 2. Calibrated error
1
2
3
4
5
Reverse Voltage (V)
10
-1
10
0
10
1
TJ = +125°C
TJ = 25°C
TJ = -55°C
FIGURE 3. Reverse characteristics
INPUT
OUTPUT
00
1
2
3
4
5
0
10
0
1
2
3
4
TJ = 25°C
OUTPUT
INPUT
7kΩ
Time (µS)
FIGURE 4. Response time



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com