Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM135 Datasheet(PDF) 8 Page - Silicon Supplies

Part # LM135
Description  Analog Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM135 Datasheet(HTML) 8 Page - Silicon Supplies

Back Button LM135 Datasheet HTML 2Page - Silicon Supplies LM135 Datasheet HTML 3Page - Silicon Supplies LM135 Datasheet HTML 4Page - Silicon Supplies LM135 Datasheet HTML 5Page - Silicon Supplies LM135 Datasheet HTML 6Page - Silicon Supplies LM135 Datasheet HTML 7Page - Silicon Supplies LM135 Datasheet HTML 8Page - Silicon Supplies LM135 Datasheet HTML 9Page - Silicon Supplies LM135 Datasheet HTML 10Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Page 8 of 10
www.siliconsupplies.com
Analog Temperature Sensor – LM135
Rev 1.1
28/04/20
Typical Applications continued
FIGURE 16.
Temperature Controller
LM135
0.1µF
FIGURE 17.
Centigrade Thermometer
FIGURE 18.
Differential Temperature Sensor
+15V
+15V
12k
+15V
6k
LM135
LM135
*Adjust for 2.7315V
at output of LM308



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com