Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS98200-EB Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS98200-EB
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200-EB Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS98200-EB Datasheet HTML 45Page - Cirrus Logic CS98200-EB Datasheet HTML 46Page - Cirrus Logic CS98200-EB Datasheet HTML 47Page - Cirrus Logic CS98200-EB Datasheet HTML 48Page - Cirrus Logic CS98200-EB Datasheet HTML 49Page - Cirrus Logic CS98200-EB Datasheet HTML 50Page - Cirrus Logic CS98200-EB Datasheet HTML 51Page - Cirrus Logic CS98200-EB Datasheet HTML 52Page - Cirrus Logic CS98200-EB Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
49
CS98200
Next Generation DVD Processor
8. INTERFACE DESCRIPTIONS
8.1
SDRAM Interface Pins
These pins are used to interface the CS98200 with some external SDRAM. The CS98200 can interface
with SDRAM of various sizes. Only 32-bit data width is supported. Follow the instructions in Table
15 on how to interface with any particular configuration of SDRAM.
8.2
ROM/NVRAM Interface Pins
This is the interface to the non-volatile memory that contains the firmware. See Table 16. It could be
either ROM, NVRAM – FLASH, or EEPROM, or any combination of these types of memory. This
interface can also connect to SRAM that would emulate a ROM on a development system. The bus
width is 8 bits.
Pin
Signal Name
Type
Description
11,12,13,15,16,
17,18,20,21,23,
26,27,28,29,30,
32,61, 56, 55,
53, 51, 50, 49,
48, 47, 45, 42,
40, 39, 38, 37,
36,
M_D[31:0]
B
Memory Data Bus. CS98200 uses all 32 bits.
90, 89, 88, 87,
85, 82, 80, 79,
78, 77, 76
M_A[10:0]
O
Memory Address Bus. Connect in order starting with M_A[0] to
all RAM address pins not already connected to M_BS[1:0]_N
or M_AP.
64
M_CKO
O
Memory Clock
66
M_CKE
O
Memory Clock Enable
69
M_BS0_N
O
Bank Selection. Always connect to RAM BS or BS0 pin.
68
M_BS1_N
O
Bank Selection. Always connect to RAM BS or BS0 pin.
67
M_AP
O
Memory Auto Pre-charge. Always connect to RAM AP pin.
70
M_RAS_N
O
Memory Row Address Strobe
71
M_CAS_N
O
Memory Column Address Strobe
73
M_WE_N
O
Memory Write Enable
62, 35, 33, 10
M_DQM[3:0]
O
IO Mask of Data Bus M_DQM[3] -> M_D[31:24]
Table 15. SDRAM Interface Pins
Pin
Signal Name
Type
Description
91,92,93,94,95,
96,99,101
NV_D[7:0]
B
Memory Data Bus.
90, 89, 88, 87,
85, 82, 80, 79,
78, 77, 76
M_A[10:0]
O
Memory Address Bus[10:0]
32, 30, 29, 28,
27, 26, 23, 21,
20, 18, 17, 16
M_D[31:16]
O
Memory Address Bus[23:11]
67
M_AP
O
Output Enable
73
M_WE_N
O
Write Enable.
Table 16. ROM/NVRAM Interfa c e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com