Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS98200-EB Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS98200-EB
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200-EB Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS98200-EB Datasheet HTML 35Page - Cirrus Logic CS98200-EB Datasheet HTML 36Page - Cirrus Logic CS98200-EB Datasheet HTML 37Page - Cirrus Logic CS98200-EB Datasheet HTML 38Page - Cirrus Logic CS98200-EB Datasheet HTML 39Page - Cirrus Logic CS98200-EB Datasheet HTML 40Page - Cirrus Logic CS98200-EB Datasheet HTML 41Page - Cirrus Logic CS98200-EB Datasheet HTML 42Page - Cirrus Logic CS98200-EB Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
39
CS98200
Next Generation DVD Processor
11
M_D_31
B8
DRAM Data[31]
B
12
M_D_30
B8
DRAM Data[30]
B
13
M_D_29
B8
DRAM Data[29]
B
14
IO_GND
Gnd
IO Ground
15
M_D_28
B8
DRAM Data[28]
B
NVRAM Address[23]
O
16
M_D_27
B8
DRAM Data[27]
B
NVRAM Address[22]
O
17
M_D_26
B8
DRAM Data[26]
B
NVRAM Address[21]
O
18
M_D_25
B8
DRAM Data[25]
B
NVRAM Address[20]
O
19
IO_3V3
Pwr
IO Power 3.3 V
20
M_D_24
B8
DRAM Data[24]
B
NVRAM Address[19]
O
21
M_D_23
B8
DRAM Data[23]
B
NVRAM Address[18]
O
22
DIG_1V8
Pwr
Digital Power 1.8 V
23
M_D_22
B8
DRAM Data[22]
B
NVRAM Address[17]
O
24
DIG_GND
Gnd
Digital Ground
25
IO_GND
Gnd
IO Ground
26
M_D_21
B8
DRAM Data[21]
B
NVRAM Address[16]
O
27
M_D_20
B8
DRAM Data[20]
B
NVRAM Address[15]
O
28
M_D_19
B8
DRAM Data[19]
B
NVRAM Address[14]
O
29
M_D_18
B8
DRAM Data[18]
B
NVRAM Address[13]
O
30
M_D_17
B8
DRAM Data[17]
B
NVRAM Address[12]
O
31
IO_3V3
Pwr
IO Power 3.3 V
32
M_D_16
B8
DRAM Data[16]
B
NVRAM Address[11]
O
33
M_DQM_2
B8
DRAM Byte_Enable[2]
O
34
IO_GND
Gnd
IO Ground
35
M_DQM_1
B8
DRAM Byte_Enable[1]
O
36
M_D_15
B8
DRAM Data[15]
B
37
M_D_14
B8
DRAM Data[14]
B
38
M_D_13
B8
DRAM Data[13]
B
39
M_D_12
B8
DRAM Data[12]
B
40
M_D_11
B8
DRAM Data[11]
B
41
IO_3V3
Pwr
IO Power 3.3 V
Pin #
Pin Name
Type
Primary Function
Dir
Secondary Function(s)
Dir
Table 14. 240-Pin MQFP Pin Assignments (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com