Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335 Datasheet(PDF) 1 Page - Silicon Supplies

Part # LM335
Description  Analog Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM335 Datasheet(HTML) 1 Page - Silicon Supplies

  LM335 Datasheet HTML 1Page - Silicon Supplies LM335 Datasheet HTML 2Page - Silicon Supplies LM335 Datasheet HTML 3Page - Silicon Supplies LM335 Datasheet HTML 4Page - Silicon Supplies LM335 Datasheet HTML 5Page - Silicon Supplies LM335 Datasheet HTML 6Page - Silicon Supplies LM335 Datasheet HTML 7Page - Silicon Supplies LM335 Datasheet HTML 8Page - Silicon Supplies LM335 Datasheet HTML 9Page - Silicon Supplies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1 of 10
www.siliconsupplies.com
Die Size (Unsawn)
1500 x 1050
59 x 41
µm
mils
Minimum Bond Pad Size
104 x 104
4.09 x 4.09
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Analog Temperature Sensor – LM335
Single-supply linear-output temperature sensor in bare die form
Wide temperature range: -40 to +100°C
1% typical accuracy at 25°C
Single-point calibration for high precision
Operates from 450μA to 5mA
<1Ω dynamic impedance
Linear output
Small size for high integration
Rev 1.1
28/04/20
Features:
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Hermetic Package – On request
The LM335 precision linear-output temperature sensor
is designed for simple calibration and ease of use.
Output is derived from an integrated 2-terminal Zener
with a breakdown voltage directly proportional to
absolute temperature at 10mV/°K. Calibrated at
+25°C, the LM335 has an accuracy of 1°C over a wide
-40°C to 100°C temperature range. With less than 1Ω
dynamic impedance, performance is consistent across
a current range of 450μA to 5mA. The device suits
use as a general purpose sensor where its small size,
low impedance and linear output enables simple circuit
integration.
Description
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
LM135 and LM135A
For higher precision commercial grade product please see
LM335A
Ordering Information
Die Dimensions in µm (mils)
1500 (59)


Similar Part No. - LM335

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM335 NSC-LM335 Datasheet
291Kb / 14P
Precision Temperature Sensors
logo
STMicroelectronics
LM335 STMICROELECTRONICS-LM335 Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
LM335 STMICROELECTRONICS-LM335 Datasheet
574Kb / 16P
Precision temperature sensors
11-Feb-2007
logo
National Semiconductor ...
LM335 NSC-LM335 Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM335 TI-LM335 Datasheet
1Mb / 28P
LMx35, LMx35A Precision Temperature Sensors
More results

Similar Description - LM335

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
Analog Temperature Sensor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
Analog Temperature Sensor
FM50 FAIRCHILD-FM50_08 Datasheet
693Kb / 8P
Analog Temperature Sensor
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
Temperature Sensor IC Analog Output
logo
Silicon Supplies
SIS60A SS-SIS60A Datasheet
544Kb / 6P
Analog Temperature Sensor
LM135 SS-LM135 Datasheet
1Mb / 10P
Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
Analog Temperature Sensor
LM335A SS-LM335A Datasheet
1Mb / 10P
Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
Analog Temperature Sensor
100906
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com