Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335 Datasheet(PDF) 9 Page - Silicon Supplies

Part # LM335
Description  Analog Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM335 Datasheet(HTML) 9 Page - Silicon Supplies

Back Button LM335 Datasheet HTML 2Page - Silicon Supplies LM335 Datasheet HTML 3Page - Silicon Supplies LM335 Datasheet HTML 4Page - Silicon Supplies LM335 Datasheet HTML 5Page - Silicon Supplies LM335 Datasheet HTML 6Page - Silicon Supplies LM335 Datasheet HTML 7Page - Silicon Supplies LM335 Datasheet HTML 8Page - Silicon Supplies LM335 Datasheet HTML 9Page - Silicon Supplies LM335 Datasheet HTML 10Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Page 9 of 10
www.siliconsupplies.com
Analog Temperature Sensor – LM335
Rev 1.1
28/04/20
Thermocouple compensation
FIGURE 19. Thermocouple cold junction compensation (compensation for grounded thermocouple)
Thermocouple
R3
R4
SEEBECK
Coefficient
J
1.05kΩ
365Ω
52.3µV/°C
T
856Ω
315Ω
42.8µV/°C
K
816Ω
300Ω
40.8µV/°C
S
128Ω
46.3Ω
6.4µV/°C
Adjustments:
1. Adjust R1 for the voltage across R3 equal to the SEEBECK
coefficient times ambient temperature in degrees Kelvin.
2.
Adjust R2 for voltage across R4 corresponding to the
thermocouple as below:
J
14.32mV
K
11.17mV
T
11.9mV
S
1.768mV
FIGURE 20. Single power supply cold junction compensation
Thermocouple
R3
SEEBECK
Coefficient
J
377Ω
52.3µV/°C
T
308Ω
42.8µV/°C
K
293Ω
40.8µV/°C
S
45.8Ω
6.4µV/°C
Adjustments:
1. Short 1N4568.
2.
Adjust R1 for SEEBECK coefficient times ambient
temperature in degrees Kelvin across R3.
3. Short LM135 and adjust R2 for voltage across R3
corresponding to thermocouple type as below:
J
14.32mV
K
11.17mV
T
11.9mV
S
1.768mV
+15V
LM135
*Select R3 & R4 for proper
thermocouple type
+15V
LM135
*Select R3 for proper
thermocouple type



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com