Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3CF Datasheet(PDF) 6 Page - Red Lion Controls. Inc

Part # G3CF
Description  10.4" COLOR TOUCHSCREEN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

G3CF Datasheet(HTML) 6 Page - Red Lion Controls. Inc

  G3CF Datasheet HTML 1Page - Red Lion Controls. Inc G3CF Datasheet HTML 2Page - Red Lion Controls. Inc G3CF Datasheet HTML 3Page - Red Lion Controls. Inc G3CF Datasheet HTML 4Page - Red Lion Controls. Inc G3CF Datasheet HTML 5Page - Red Lion Controls. Inc G3CF Datasheet HTML 6Page - Red Lion Controls. Inc G3CF Datasheet HTML 7Page - Red Lion Controls. Inc G3CF Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Software/unit operation
CRIMSON SOFTWARE
Crimson software is available as a free download from Red Lion’s website or
it can be purchased on a CD, see “Ordering Information” for part number. The
latest version of the software is always available from the website, and updating
your copy is free.
DISPLAY
This operator interface uses a liquid crystal display (LCD) for displaying text
and graphics. The backlight can be dimmed for low light conditions.
Display backlights have a limited lifetime. Backlight lifetime is based upon
the amount of time the display is turned on at full intensity. Turning the
backlight off when the display is not in use can extend the lifetime of your
backlight. This can be accomplished through the Crimson software when
configuring your unit.
BACKLIGHT REPLACEMENT
G310S2 LED Backlight
The LED backlight is not field replaceable. Unit must be returned
to Red Lion Controls for repair.
G310C2/R2 LED Backlight
The LED backlight is field replaceable in non-hazardous
locations only. Refer to the instructions included in the backlight
replacement kit. Contact Red Lion Controls for the appropriate
part number.
FRONT PANEL LEDS
There are three front panel LEDs. Shown below is the default status of
the LEDs.
KEYPAD
The G310 keypad consists of eight keys for on-screen menus.
TOUCHSCREEN
This operator interface utilizes a resistive analog touchscreen for user input.
The unit will only produce an audible tone (beep) when a touch on an active
touchscreen cell in sensed. The touchscreen is fully functional as soon as the
operator interface is initialized, and can be operated with gloved hands.
TROUBLESHOOTING YOUR G310
If for any reason you have trouble operating, connecting, or simply have
questions concerning your new G310, contact Red Lion’s technical support.
For contact information, refer to the back page of this bulletin for phone and
fax numbers.
EMAIL: techsupport@redlion.net
Web Site: http://www.redlion.net
1. The operator interface is shipped without a configuration. After
downloading a configuration, if the light remains in the flashing state
continuously, try cycling power. If the LED still continues to flash, try
downloading a configuration again.
2. Do not turn off power to the unit while this light is flickering. The unit
writes data in two minute intervals. Later Microsoft operating systems will
not lock the drive unless they need to write data; Windows 98 may lock
the drive any time it is mounted, thereby interfering with logging. Refer
to “Mounting the CompactFlash” in the Crimson User Manual.
Unit is writing to the CompactFlash, either because it is storing
data, or because the PC connected via the USB port has
locked the drive.2
FLICKERING
Incorrectly formatted CompactFlash card present.
FLASHING
SLOWLY
Valid configuration is loaded and there are no alarms present.
STEADY
A tag is in an alarm state.
FLASHING
CompactFlash card being checked.
GREEN (BOTTOM)
Valid CompactFlash card present.
STEADY
No CompactFlash card is present.
OFF
FLASHING
RAPIDLY
YELLOW (MIDDLE)
Unit is powered and running an application.
STEADY
Unit is in the boot loader, no valid configuration is loaded.1
FLASHING
LED
INDICATION
RED (TOP, LABELED “PWR”)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com