Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3CF Datasheet(PDF) 8 Page - Red Lion Controls. Inc

Part # G3CF
Description  10.4" COLOR TOUCHSCREEN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

G3CF Datasheet(HTML) 8 Page - Red Lion Controls. Inc

  G3CF Datasheet HTML 1Page - Red Lion Controls. Inc G3CF Datasheet HTML 2Page - Red Lion Controls. Inc G3CF Datasheet HTML 3Page - Red Lion Controls. Inc G3CF Datasheet HTML 4Page - Red Lion Controls. Inc G3CF Datasheet HTML 5Page - Red Lion Controls. Inc G3CF Datasheet HTML 6Page - Red Lion Controls. Inc G3CF Datasheet HTML 7Page - Red Lion Controls. Inc G3CF Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LIMITED WARRANTY
The Company warrants the products it manufactures against defects in materials and workmanship for a period limited to two
years from the date of shipment, provided the products have been stored, handled, installed, and used under proper conditions.
The Company’s liability under this limited warranty shall extend only to the repair or replacement of a defective product, at The
Company’s option. The Company disclaims all liability for any affirmation, promise or representation with respect to the
products.
The customer agrees to hold Red Lion Controls harmless from, defend, and indemnify RLC against damages, claims, and
expenses arising out of subsequent sales of RLC products or products containing components manufactured by RLC and based
upon personal injuries, deaths, property damage, lost profits, and other matters which Buyer, its employees, or sub-contractors
are or may be to any extent liable, including without limitation penalties imposed by the Consumer Product Safety Act (P.L.
92-573) and liability imposed upon any person pursuant to the Magnuson-Moss Warranty Act (P.L. 93-637), as now in effect or
as amended hereafter.
No warranties expressed or implied are created with respect to The Company’s products except those expressly contained herein.
The Customer acknowledges the disclaimers and limitations contained herein and relies on no other warranties or affirmations.
optional featureS and acceSSorieS
COMPACTFLASH SOCKET
CompactFlash socket is a Type II socket that can accept either Type I or II
cards. Use cards with a minimum of 4 Mbytes and formatted to a maximum of
2 Gbytes (see Note box below) with the G310’s CompactFlash socket. Cards
are available at most computer and office supply retailers.
CompactFlash can be used for configuration transfers, larger configurations,
data logging, and trending.
Information stored on a CompactFlash card by a G310 can be read by a card
reader attached to a PC. This information is stored in IBM (Windows®) PC
compatible FAT16 file format.
CompactFlash-
Insert Face Up
INDOOR VERSUS OUTDOOR
The G310C2x0 and the G310R2x0 use an overlay with a textured finish and
keys that are embossed. This overlay is not rated for outdoor use.
The G310S2x0 uses an overlay with a glossy finish that uses a UV rated
material for outdoor use. The keys on this overlay are not embossed. The display
is significantly brighter than the G310C2x0.
OPTIONAL COMMUNICATION CARD
Red Lion offers optional communication cards for fieldbus communications.
These communication cards will allow your G310 to communicate with many
of the popular fieldbus protocols.
Red Lion is also offering a communications card for additional RS232 and
RS422/485 communications. Visit Red Lion’s website for information and
availability of these cards.
CUSTOM LOGO
Each G3 operator interface has an embossed area containing the Red Lion
logo. Red Lion can provide custom logos to apply to this area. Contact your
distributor for additional information and pricing.
Note: Do not remove or insert
the CompactFlash card while
power is applied. Refer to
“Front Panel LEDs.”
.51 (13)
1.65 (42)
FRONT OVERLAY
Red Lion Controls
Headquarters
20 Willow Springs Circle
York PA 17406
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
Red Lion Controls
China
Unit 1102, XinMao Plaza
Building 9, No.99 Tianzhou Road
ShangHai, P.R. China 200223
Tel +86 21 6113 3688
Fax +86 21 6113 3683
Red Lion Controls
Europe
Softwareweg 9
NL - 3821 BN Amersfoort
Tel +31 (0) 334 723 225
Fax +31 (0) 334 893 793
Red Lion Controls
India
201-B, 2nd Floor, Park Centra
Opp 32 Mile Stone, Sector-30
Gurgaon-122002 Haryana, India
Tel +91 984 487 0503
NOTE
For reliable operation of this and other Red Lion products, one of the
following brands of CompactFlash card must be used...
SimpleTech
SMART® Modular
swissbit®
SanDisk®
Silicon Systems
Not all of the above manufacturers offer CompactFlash cards recognized to
UL standards, which may be required for your application.
Although RLC products limit use of CompactFlash card memory to 2 GB,
cards with a larger capacity can be used. They MUST be formatted to 2
GB and use the FAT 16 file system. It is recommended to format the CF
card using the format utility from within Crimson.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com