Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1113 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP1113
Description  Dual Bootstrapped, 12V MOSFET Driver with Output Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1113 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP1113 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 6Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 7Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary Datasheet
LP1113
Electrical Characteristics
(VCC = 12 V, TA =25°C, unless otherwise noted.)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Supply
Supply Voltage Range
VCC
4.4
13.2
V
Supply Current
ISYS
BST = 12 V, IN = 0 V, EN=0V
0.7
mA
EN Input
Input Voltage High
VEN_HI
2.0
V
Input Voltage Low
VEN_LO
0.8
V
Hysteresis
300
mV
Input Current
No internal pull-up or pull-down resistors
−1.0
+1.0
μA
PWM Input
Input Voltage High
VPWM_HI
2.0
V
Input Voltage Low
VPWM_LO
0.8
V
Hysteresis
300
mV
Input Current
No internal pull-up or pull-down resistors
−1.0
+1.0
μA
High-Side Driver
Output Resistance, Sourcing Current
BST − SWN = 12 V
3.3
-
Ω
Output Resistance, Sinking Current
BST − SWN = 12 V
0.5
-
Ω
Output Resistance, Unbiased
BST − SWN = 0 V
15
-
Transition Times
trDRVH
BST − SWN = 12 V, CLOAD = 3.0 nF (See Figure 2)
30
-
ns
tfDRVH
12
-
ns
Propagation Delay Times
tpdhDRVH
BST − SWN = 12 V, CLOAD = 3.0 nF (See Figure 2)
-
95
-
ns
tpdlDRVH
BST − SWN = 12 V, CLOAD = 3.0 nF (See Figure 2)
15
-
ns
tpdlEN
(See Figure 1)
30
-
ns
tpdhEN
(See Figure 1)
35
-
ns
SW Pulldown Resitance
SWN to PGND
15
Low-Side Driver
Output Resistance, Sourcing Current
3.3
-
Ω
Output Resistance, Sinking Current
0.5
Ω
Output Resistance, Unbiased
VCC = PGND
15
Transition Times
trDRVL
CLOAD = 3.0 nF, (See Figure 2)
30
-
ns
tfDRVL
12
-
ns
Propagation Delay Times
tpdhDRVL
CLOAD = 3.0 nF, (See Figure 2) (Note 5, tpdhDRVL only)
105
-
ns
tpdlDRVL
-
15
-
ns
tpdlEN
(See Figure 1)
-
30
-
ns
tpdhEN
(See Figure 1)
-
35
-
ns
Timeout Delay
DRVH − SWN = 0
110
ns
Under Voltage Lockout
UVLO Startup
-
4.3
-
V
UVLO Shutdown
-
4.0
-
V
Hysteresis
-
0.3
-
V
Note5: Guaranteed by design; not tested in production.
LP1113-00
Oct.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com