Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1113 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP1113
Description  Dual Bootstrapped, 12V MOSFET Driver with Output Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1113 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP1113 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 6Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 7Page - Lowpower Semiconductor inc LP1113 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP1113
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
General Description
The LP1113 is a single phase 12V MOSFET gate
driver optimized to drive the gates of both high-side
and low-side power MOSFETs in a synchronous buck
converter.
With a wide operating voltage range, high or low side
MOSFET gate drive voltage can be optimized for the
best efficiency. Internal adaptive non-overlap circuitry
further reduces switching losses by preventing
simultaneous conduction of both MOSFETs.
The floating top driver design can accommodate VBST
voltages as high as 35V, with transient voltages as
high as 40V. Both gate outputs can be driven low by
applying a low logic level to the enable(EN) pin. An
undervoltage lockout function ensures that both driver
outputs are low when the supply voltage is low, and a
Thermal Shutdown function provides the IC with
over-temperature protection.
Order Information
LP1113 □ □
□
F: Halogen Free & Pb Free
Package Type
MS: MSOP-10
Features
All-In-One Synchronous Buck Driver
Bootstrapped High-Side Drive
One PWM Signal Generates Both Drives
Anti-cross Conduction Protection Circuitry
Available in MSOP-10 Package
Applications
Multiphase Desktop CPU Supplies
Single-Supply Synchronous Buck Converters
Typical Application Circuit
LP1113
VCC
BST
DRVH
SWN
DRVL
PGND
D1
EN
PWM
VIN
VCC
L1
VOUT
EN
PWM
C1
C2
C3
C4
M1
M2
Marking Information
Device
Marking
Package
Shipping
LP1113
LPS
LP1113
YWX
MSOP-10
3K/REEL
Y:Production year W:Production period X:Production batch
LP1113-00
Oct.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8


Similar Part No. - LP1113

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP1110 POWER-LP1110 Datasheet
561Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Enable
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1111SOF POWER-LP1111SOF Datasheet
633Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1115 POWER-LP1115 Datasheet
537Kb / 10P
Full Bridge Gate Driver with Boost Convertor
LP1115AQVF POWER-LP1115AQVF Datasheet
537Kb / 10P
Full Bridge Gate Driver with Boost Convertor
More results

Similar Description - LP1113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
logo
Analog Devices
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
8/04-Data Sheet Changed from Rev. A to Rev. B
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
3/06-Revision 0
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
ADP34190091RMZR ONSEMI-ADP34190091RMZR Datasheet
143Kb / 10P
Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
April, 2010 ??Rev. 3
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
logo
Lowpower Semiconductor ...
LP1110 POWER-LP1110 Datasheet
561Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Enable
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com