Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1130 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP1130
Description  Half-Bridge IPM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1130 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP1130 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1130 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1130 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1130 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1130 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LP1130-01
Apr.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 5
Preliminary Datasheet
LP1130
Half-Bridge IPM
General Description
The LP1130 is a high efficiency synchronous buck
power stage module consisting of two asymmetrical
MOSFETs and an integrated driver. The MOSFETs
are individually optimized for operation in the
synchronous buck configuration. The high side and
low side MOSFETs has ultra low RDS(ON) to minimize
conduction losses.
A number of features are provided making the LP1130
a highly versatile power module.
Order Information
LP1130
F: Pb Free
Package Type
SO: SOP-8
Applications
General Wireless Power Transmitter for
Consumer, Industrial and Medical Applications
Full or Half Bridge DC-DC Switching Regulator
Motor Driver
Features
Up to 30V DC VIN voltage
4.4V to 13.2V supply voltage
Up to 5A output current
Up to 500kHz Switching Frequency
3.3V/5V logic input compatible
Disable function
ROHS compliant and Lead(Pb)- free
Typical Application Circuit
VIN
VCC
VOUT
EN
PWM
C1
C2
C3
C4
L1
VCC
EN
PWM
SWN
PGND
VIN
BST
1
8
5,6
7
2
3
4
LP1130
Marking Information
Device
Marking
Package
Shipping
LP1130
LPS
LP1130
YWX
SOP-8
4K/REEL
Y:Production year W:Production period X:Production batch


Similar Part No. - LP1130

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP1130A POWER-LP1130A Datasheet
540Kb / 5P
Half-Bridge IPM
LP1130B POWER-LP1130B Datasheet
540Kb / 5P
Half-Bridge IPM
More results

Similar Description - LP1130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM005-301MH IRF-IRSM005-301MH Datasheet
503Kb / 11P
Half-Bridge IPM for Low Voltage
IRSM005-301MH IRF-IRSM005-301MH_15 Datasheet
587Kb / 11P
Half-Bridge IPM for Low Voltage Applications
IRSM005-800MH IRF-IRSM005-800MH_15 Datasheet
643Kb / 14P
Half-Bridge IPM for Low Voltage Applications
logo
Infineon Technologies A...
IRSM005-301MH INFINEON-IRSM005-301MH Datasheet
589Kb / 11P
Half-Bridge IPM for Low Voltage Applications
March 18, 2014
IRSM005-800MH INFINEON-IRSM005-800MH Datasheet
645Kb / 14P
Half-Bridge IPM for Low Voltage Applications
March 19, 2014
IRSM807-105MH INFINEON-IRSM807-105MH Datasheet
947Kb / 17P
Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
IRSM808-105MH INFINEON-IRSM808-105MH Datasheet
970Kb / 17P
Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
IRSM808-204MH INFINEON-IRSM808-204MH Datasheet
516Kb / 10P
Half-Bridge IPM for Small Appliance Motor Drive Applications
February 12, 2015
logo
Lowpower Semiconductor ...
LP1130A POWER-LP1130A Datasheet
540Kb / 5P
Half-Bridge IPM
LP1130B POWER-LP1130B Datasheet
540Kb / 5P
Half-Bridge IPM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com