Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1130 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP1130
Description  Half-Bridge IPM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1130 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP1130 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1130 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1130 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1130 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1130 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LP1130-01
Apr.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 5
Preliminary Datasheet
LP1130
Function Diagram
OTP
UVLO
LOGIC
Anti-Cross
Conduction
VCC
PWM
EN
BST
SWN
PGND
VCC
VIN
Absolute Maximum Ratings
VCC ----------------------------------------------------------------------------------------------------------------- -0.3V to 15V
VIN ------------------------------------------------------------------------------------------------------------------- -0.3V to 30V
BST
--------------------------------------------------------------------------------------------------------------- -0.3V to 35V
BST to SWN ------------------------------------------------------------------------------------------------------ -0.3V to 15V
SWN ------------------------------------------------------------------------------------------------------------------- -5V to 20V
EN,PWM ---------------------------------------------------------------------------------------------------------- -0.3V to 6.5V
Maximum Junction Temperature ------------------------------------------------------------------------------------ 160℃
Maximum Soldering Temperature (at leads,10 sec) ----------------------------------------------------------- 260℃
Storage Temperature --------------------------------------------------------------------------------------- -55℃ to 165℃
Operating Ambient Temperature Range -------------------------------------------------------------- -40℃ to 85℃
Note1:All voltages are with respect to PGND except where noted.
Note2:Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Note3: This device is ESD sensitive. Use standard ESD precautions when handling.
Thermal Information
Package Thermal Resistance (Note4)
Maximum Power Dissipation (PD,TA=25℃) ------------------------------------------------------------------------ 1.5W
Junction to Ambient, θJA----------------------------------------------------------------------------------------------- 80℃/W
Note4:2 layer board, 1 in2 Cu, 1 oz thickness.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com