Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3320 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3320
Description  High Performance, Constant Current Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3320 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3320 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LP3320-00
Jan.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 9
Preliminary Datasheet
LP3320
High Performance, Constant Current Switching
Regulator For 11PCS White LED In Series
General Description
The LP3320 is a 1.0MHz PWM boost switching
regulator designed for constant-current white LED
driver applications. The LP3320 can drive a string of
up to 11 white LEDs in series, ensuring uniform
brightness and eliminating several ballast resistors.
The LP3320 implements a constant frequency 1.0MHz
PWM control scheme. The high frequency PWM
operation also saves board space by reducing external
component sizes. To improve efficiency, the feedback
voltage is set to 250mV, which reduces the power
dissipation in the current setting resistor.
Highly integration and internal compensation network
minimizes as 5 external component counts. Optimized
operation frequency can meet the requirement of small
LC filters value and low operation current with high
efficiency.
Order Information
LP3320
F: Pb-Free
Package Type
B6: SOT23-6
QV:TDFN-6
Applications
WLED Backlight driver
OLED Backlight driver
PDA
MID/PTV
Features
Up to 94% efficiency
Shut-down current:<1uA
Output voltage Up to 37V
Internal Compensation, Soft-start
Support down to 1% Dimming Duty Cycle
1.0MHz fixed frequency switching
High switch on current:1.5A
Available in SOT23-6&TDFN-6(2mm×2mm)
Package
Typical Application Circuit
VIN
EN
NC
LX
6
4
1
5
2
GND
LED+
VIN
4.7uH
C2
2.2uF
R1
12Ω
C1
10uF
FB 3
LED-
Marking Information
Device
Marking
Package
Shipping
LP3320B6F LPS
FuYWX
SOT23-6
3K/REEL
LP3320QVF LPS
FuYWX
TDFN-6
4K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch


Similar Part No. - LP3320

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3321 POWER-LP3321 Datasheet
505Kb / 9P
1.3MHzFixed-Frequency PWM Operation
LP3322 POWER-LP3322 Datasheet
515Kb / 8P
1.1MHzFixed-Frequency PWM Operation
logo
Vishay Siliconix
LP3325CL VISHAY-LP3325CL Datasheet
105Kb / 2P
Surface Mount Current Sense Transformers
09-Mar-12
logo
Cornell Dubilier Electr...
LP332M025A1P3 CDE-LP332M025A1P3 Datasheet
167Kb / 3P
105 ?C Snap-In Aluminum Electrolytic Capacitors
LP332M025A1P3 CDE-LP332M025A1P3 Datasheet
355Kb / 4P
Stable ESR, Long Life, Snap-In
More results

Similar Description - LP3320

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9272 RICHTEK-RT9272 Datasheet
176Kb / 11P
High Performance, Constant Current LED Driver for Dual Panel Mobile Phone
RT9284A RICHTEK-RT9284A Datasheet
261Kb / 14P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
Tiny Package, High Performance, Constant Current Switching Regulator
logo
Feeling Technology Corp...
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
Constant Current Switching Regulator for White LED
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
Constant Current Switching Converter for High Brightness LED Driving
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
logo
Shenzhen Huazhimei Semi...
HM9922 HMSEMI-HM9922 Datasheet
494Kb / 7P
Switching step-down LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com