Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3320 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP3320
Description  High Performance, Constant Current Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3320 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP3320 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3320 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LP3320-00
Jan.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 9
Preliminary Datasheet
LP3320
Operation Information
LED Current Control
The LP3320 regulates the LED current by setting the
current sense resistor (R1) connecting to feedback
and ground. The internal feedback reference voltage
is 200mV. The LED current can be set from following
equation easily.
ILED = 250mV / R1
In order to have an accurate LED current, precision
resistors are preferred (1% is recommended). The
table for R1 selection is shown below.
Power Sequence
In order to assure the normal soft start function for
suppressing the inrush current the input voltage
should be ready before EN pulls high.
Soft-Start
The function of soft-start is made for suppressing the
inrush current to an acceptable value at the
beginning of power-on. The LP3320 provides a
built-in soft-start function by clamping the output
voltage of error amplifier so that the duty cycle of the
PWM will be increased gradually in the soft-start
period.
Current Limiting
The current flow through inductor as charging period
is detected by a current sensing circuit. As the value
comes across the current limiting threshold, the
N-MOSFET will be turned off so that the inductor will
be forced to leave charging stage and enter
discharging stage. Therefore, the inductor current
will not increase over the current limiting threshold.
OVP/UVLO/OTP
The Over Voltage Protection is detected by a
junction breakdown detecting circuit. Once VOUT
goes over the detecting voltage, LX pin stops
switching and the power N-MOSFET will be turned
off. As the output voltage is higher than a specified
value or input voltage is lower than a specified value,
the chip will enter protection mode to prevent
abnormal function. As the die temperature is higher
than 160℃, the chip also will enter protection mode.
The power MOSFET will be turned off during
protection mode to prevent abnormal operation.
Inductor Selection
The recommended value of inductor for 2 to 11
WLEDs applications are 2.2 to 10µH. Small size and
better efficiency are the major concerns for portable
device, such as LP3320 used for mobile phone. The
inductor should have low core loss at 1.0MHz and
low DCR for better efficiency. To avoid inductor
saturation current rating should be considered.
Capacitor Selection
Input ceramic capacitor of 2.2uF and output ceramic
capacitor of 1uF are recommended for the LP3320
applications for driving 11 series WLEDs.
For better voltage filtering, ceramic capacitors with
low ESR are recommended. X5R and X7R types are
suitable because of their wider voltage and
temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com