Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3351 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3351
Description  PWM Dimming Control for LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3351 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP3351 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary Datasheet
LP3351
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 6 of 7
LP3351 Version 0.3 MAR-2018
Application Information
The LP3351 is designed in a current mode, constant
frequency PWM boost converter. It can use dimming
input that can by external control signal with a duty
ratio of 1%-100% in 100Hz to 1kHz. LP3351 offers
protection features to protect the system such as
output
over
voltage
protection,
boost
diode
disconnection
protection,
output
short
circuit
protection and over temperature protection.
Under Voltage Lockout (UVLO)
The LP3351 had an UVLO internal circuit that enable
the device once the voltage on the VIN voltage
exceeds the UVLO threshold voltage.
Boost Controller
The LP3351 uses 200kHz fixed-frequency, current
mode architecture to fixed the output current. The
output voltage and soft start time can be adjustable by
internal register.
Boost Loop Compensation
The feedback loop can be compensated with an
external compensation network consisted of Rcomp,
Ccomp(As Figure 1). Choosing Rcomp to set high
frequency integrator gain for fast transient response
and Ccomp to set the integrator zero to maintain loop
stability.
Over Voltage Protection
The LP3351 converter has an over voltage protection
by OVP pin. When the LEDs fail open circuit or LEDs
are disconnected from the circuit, the over voltage
function will monitor the output voltage through OVP
pin to protect the converter. When LP3351 occur
OVP, it will latch off until VIN is re-startup or CTRL
input is recycled.
LED Current Setting
The LED current is specified by current sense resistor
between the FB pin to ground. In order to have
accurate
LED
current,
precision
resistors
are
preferred. The LED current can be programmed by:
ILED=0.21/RFB
Dimming Control
The LED brightness is controlled by the PWM signal
at CTRL pin which has different duty cycle. LP3351
can accept an external PWM signal to CTRL pin in the
range of 100Hz to 1 kHz.
Over Temperature Protection
The
LP3351
device
enters
over
temperature
protection(OTP) if its junction temperature exceeds
160°C (Typ.). During over temperature protection
none of the device's functions are available. To
resume normal operation the junction temperature
need cool down, and the outputs will restart.
Current Sense and Over Current Protection (OCP)
The over current protection level can be set by R7(As
Figure 1) and senses inductor current to compare with
current limit value. When the inductor current exceeds
the
current
limit,
the
switching
will
turns
off
immediately. It prevents large current damaging the
external component. The OCP level is calculated as:
IOCP=0.33/R7
The LP3351 uses a current mode control structure.
The CS pin not only has current sense function but
also
build-in
a
slope
compensation
to
avoid
sub-harmonic
oscillation.
Additional
slope
compensation lessened the influence of the sensed
current in the control loop.
Layout Guideline
The proper PCB layout and component placement are
critical for all circuit. The careful attention should be
prevent electromagnetic interference (EMI) problems.
Here are some suggestions to the layout of LP3351
design.
1.
Connected
all
ground
together
with
one
uninterrupted ground plane with at least two vias .
2. The input capacitor should be located as closed as
possible to the VIN and ground plane.
3. Minimize the distance of all traces connected to the
LX node, that the traces short and wide route to obtain
optimum efficiency.
4. All output capacitor must be closed to ground
plane. The ground terminal of COUT must be located
as closed as possible to ground plane.
5. Radiated noise can be decreased by choosing a
shielded inductor.
Cin
Rin
L
Diode
GND
VIN
R3
R2
RComp
CComp
R7
R8
R6
GND
V+
RFB
V-
1
2
3
4
5
6
7
8
LP3351
G
S
GND
Figure 4. Recommended PCB Layout Diagram
.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com