Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3351 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3351
Description  PWM Dimming Control for LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3351 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3351 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary Datasheet
LP3351
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 1 of 7
LP3351 Version 0.3 MAR-2018
PWM Dimming Control for LED Driver
General Description
LP3351 is a cost effective LED driver optimized for
LCD monitor and LCD TV backlighting application. It
provides a high performance LED backlight solution
with minimized bill of material count.
The LP3351 contains a PWM boost driver which
uses current mode control and fixed frequency
operation to regulate the LED current. The LED
current is sensed through an external current sense
resistor. The voltage across the sensing resistor is
compared with reference level of 0.21V, the error
amplified to control the pulse width of the power
switch thus to regulate the current flowing the LED.
Otherwise, The LP3351 offers external frequency
PWM dimming method for a wide range of dimming
control.
Other features include over current protection (OCP),
output
over
voltage
protection
(OVP),
and
under-voltage lockout (UVLO). The
LP3351 is
available in a space saving SOP-8 (0.5mm pitch)
package.
Order Information
LP3351□□□
F: Green
Package Type
SO: SOP-8
Features
Wide VIN Range: 8V to 28V
Current-Mode PWM Controller
External PWM Dimming Mode
Under-Voltage Lockout
Over Voltage Protection
Over Current Protection
Under-Voltage Protection
Over-Temperature Protection
Available in SOP-8
RoHS Compliant and Halogen Free
Pb-Free Package
Applications
TFT LCD TV
TFT LCD Monitor
Flat Panel Display
Marking Information
Device
Marking
Package
Shipping
LP3351
LPS
LP3351
YWX
SOP-8
3K/REEL
Y: Y is year code. W: W is week code. X: X is series number.


Similar Part No. - LP3351

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
LP3352 POWER-LP3352 Datasheet
398Kb / 10P
6-Channel LED Driver for Backlights
LP3359 POWER-LP3359 Datasheet
411Kb / 9P
High performance, Current Source For Parallel White-LED Driver
LP3359-MSF POWER-LP3359-MSF Datasheet
411Kb / 9P
High performance, Current Source For Parallel White-LED Driver
LP3359-QVF POWER-LP3359-QVF Datasheet
411Kb / 9P
High performance, Current Source For Parallel White-LED Driver
More results

Similar Description - LP3351

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
Constant Current LED Driver with PWM Dimming Control
logo
Megawin Technology Co.,...
MG20U201ASC1 MEGAWIN-MG20U201ASC1 Datasheet
247Kb / 10P
PWM dimming control
logo
ON Semiconductor
FL3100T ONSEMI-FL3100T Datasheet
1,007Kb / 18P
Low-Side Gate Driver with LED PWM Dimming Control
Rev.1.0
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
BUCK LED DRIVER WITH PWM DIMMING
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
PWM dimming LED constant current driver
logo
Kinetic Technologies.
KTD3156 KINETIC-KTD3156 Datasheet
765Kb / 16P
6P10S LED Driver with PWM-Control Mixed-Mode Dimming
November 2015
KTD3156B KINETIC-KTD3156B Datasheet
609Kb / 16P
6P10S LED Driver with PWM-Control Mixed-Mode Dimming
April 2020 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com