Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4063 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP4063
Description  800mA Single Chip Li-Ion and Li-Polymer Charger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4063 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP4063 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4063 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4063 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4063 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4063 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4063 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LP4063-01
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 6
Preliminary Datasheet
LP4063
Functional Pin Description
Package Type
Pin Configurations
SOT23-5
1
3
5
4
CHRG
ISET
SOT23-5
TOP VIEW
2
GND
BAT
VIN
Pin Description
No.
NAME
DESCRIPTION
1
CHRG
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is pulled low
by an internal NMOS. When the charge cycle is completed, the pin could be pulled High by an
external pull high resistor.
2
GND
GND is the connection to system ground.
3
BAT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is needed for
stability when there is no battery attached. When a battery is attached, only a 1uF ceramic
capacitor is required.
4
VIN
VIN is the input power source. Connect to a wall adapter.
5
ISET
Charge Current Program. The charge current is programmed by connecting a 1%
resistor(RISET) to ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com