Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4063 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP4063
Description  800mA Single Chip Li-Ion and Li-Polymer Charger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4063 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP4063 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4063 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4063 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4063 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4063 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4063 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LP4063-01
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 6
Preliminary Datasheet
LP4063
Function Block Diagram
VIN
ISET
BAT
R2
R1
Control
Logic
GND
CHRG
Absolute Maximum Ratings
Input Voltage to GND ---------------------------------------------------------------------------------------- -0.3V to 28V
BAT Voltage GND ----------------------------------------------------------------------------------------------- - 5V to 8V
Other pin to GND -------------------------------------------------------------------------------------------- -0.3V to 6.5V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 125℃
Maximum Soldering Temperature (at leads, 10 sec) --------------------------------------------------------- 260℃
Operating Junction Temperature Range (TJ) -------------------------------------------------------- -40℃ to 85℃
Storage Temperature ------------------------------------------------------------------------------------ -65℃ to 165℃
Thermal Information
Maximum Power Dissipation ( PD,TA=25°C) --------------------------------------------------------------------- 0.6W
Thermal Resistance (θJA) ---------------------------------------------------------------------------------------- 200℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) ---------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com