Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4074B6F Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP4074B6F
Description  600mA Standalone Linear Li-Ion Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4074B6F Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP4074B6F Datasheet HTML 1Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 2Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 3Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 4Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 5Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 6Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 7Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LP4074-00
Aug.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 8
Preliminary Datasheet
LP4074
Functional Pin Description
Package Type
SOT23-5
SOT23-6
Pin
Configurations
VIN
GND
STAT1
BAT
ISET
1
2
3
4
5
Top View
VIN
GND
STAT1
BAT
ISET
1
2
3
4
6
Top View
5
STAT2
Pin
Name
Description
SOT23-5 SOT23-6
1
1
STAT1
Open-Drain Charge Status Output. When the battery is charging, the STAT pin
is pulled low by an internal N-channel MOSFET. When the charge cycle is
completed, the pin is pulled High.
2
2
GND
Ground.
3
3
BAT
Charge Current Output. Provides charge current to the battery and regulates
the final float voltage to 4.2V.
4
4
VIN
Positive Input Supply Voltage.
5
Open-Drain Charge Status Output. When the battery is charging, the STAT pin
is pulled High by an internal N-channel MOSFET. When the charge cycle is
completed, the pin is pulled Low.
5
6
ISET
Charge Current Program and Charge Current Monitor Pin. The charge current
is programmed by connecting a 1% resistor, RISET, to ground. When charging in
constant-current mode, this pin servos to 1V. In all modes, the voltage on this
pin can be used to measure the charge current using the following formula:
IBAT=1000/RISET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com